Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5393C Datasheet(PDF) 11 Page - Elantec Semiconductor

Part # EL5393C
Description  Triple 300MHz Current Feedback Amplifier
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5393C Datasheet(HTML) 11 Page - Elantec Semiconductor

Back Button EL5393C Datasheet HTML 7Page - Elantec Semiconductor EL5393C Datasheet HTML 8Page - Elantec Semiconductor EL5393C Datasheet HTML 9Page - Elantec Semiconductor EL5393C Datasheet HTML 10Page - Elantec Semiconductor EL5393C Datasheet HTML 11Page - Elantec Semiconductor EL5393C Datasheet HTML 12Page - Elantec Semiconductor EL5393C Datasheet HTML 13Page - Elantec Semiconductor EL5393C Datasheet HTML 14Page - Elantec Semiconductor EL5393C Datasheet HTML 15Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
EL5393C
Triple 300MHz Current Feedback Amplifier
Pin Descriptions
EL5393C
SO-16
EL5393C
QSOP-16
Pin Name
Function
Equivalent Circuit
1
1
INA+
Non-inverting input, channel A
Circuit 1
2, 4, 7
2, 4, 7
NC
Not connected (leave disconnected)
33
VS-
Negative supply
5
5
INB+
Non-inverting input, channel B
(See circuit 1)
6, 11
6, 11
NC
Not connected
8
8
INC+
Non-inverting input, channel C
(See circuit 1)
9
9
INC-
Inverting input, channel C
(See circuit 1)
10
10
OUTC
Output, channel C
Circuit 2
12
12
INB-
Inverting input, channel B
(See circuit 1)
13
13
OUTB
Output, channel B
(See circuit 2)
14
14
VS+
Positive supply
15
15
OUTA
Output, channel A
(See circuit 2)
16
16
INA-
Inverting input, channel A
(See circuit 1)
IN-
IN+
VS+
VS-
VS+
VS-
OUT


Similar Part No. - EL5393C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5393A INTERSIL-EL5393A Datasheet
594Kb / 16P
   Triple 300MHz Current Feedback Amplifier with Enable
EL5393ACS INTERSIL-EL5393ACS Datasheet
594Kb / 16P
   Triple 300MHz Current Feedback Amplifier with Enable
EL5393ACS-T13 INTERSIL-EL5393ACS-T13 Datasheet
594Kb / 16P
   Triple 300MHz Current Feedback Amplifier with Enable
EL5393ACS-T7 INTERSIL-EL5393ACS-T7 Datasheet
594Kb / 16P
   Triple 300MHz Current Feedback Amplifier with Enable
EL5393ACU INTERSIL-EL5393ACU Datasheet
594Kb / 16P
   Triple 300MHz Current Feedback Amplifier with Enable
More results

Similar Description - EL5393C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5393A INTERSIL-EL5393A Datasheet
594Kb / 16P
   Triple 300MHz Current Feedback Amplifier with Enable
logo
Elantec Semiconductor
EL5193C ELANTEC-EL5193C Datasheet
368Kb / 17P
   Single 300MHz Current Feedback Amplifier
EL5293C ELANTEC-EL5293C Datasheet
302Kb / 15P
   Dual 300MHz Current Feedback Amplifier
logo
Intersil Corporation
EL5193 INTERSIL-EL5193 Datasheet
345Kb / 17P
   Single 300MHz Current Feedback Amplifier with Enable
logo
Renesas Technology Corp
EL5293 RENESAS-EL5293 Datasheet
800Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
logo
Intersil Corporation
EL5193 INTERSIL-EL5193_06 Datasheet
1Mb / 19P
   Single 300MHz Current Feedback Amplifier with Enable
EL5493 INTERSIL-EL5493 Datasheet
281Kb / 14P
   Quad 300MHz Current Feedback Amplifier with Enable
EL5193 INTERSIL-EL5193_07 Datasheet
406Kb / 20P
   Single 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293 Datasheet
307Kb / 14P
   Dual 300MHz Current Feedback Amplifier with Enable
EL5293 INTERSIL-EL5293_07 Datasheet
349Kb / 16P
   Dual 300MHz Current Feedback Amplifier with Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com