Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5481CS-T7 Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL5481CS-T7
Description  Quad 8ns High-Speed Comparators
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL5481CS-T7 Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL5481CS-T7 Datasheet HTML 1Page - Elantec Semiconductor EL5481CS-T7 Datasheet HTML 2Page - Elantec Semiconductor EL5481CS-T7 Datasheet HTML 3Page - Elantec Semiconductor EL5481CS-T7 Datasheet HTML 4Page - Elantec Semiconductor EL5481CS-T7 Datasheet HTML 5Page - Elantec Semiconductor EL5481CS-T7 Datasheet HTML 6Page - Elantec Semiconductor EL5481CS-T7 Datasheet HTML 7Page - Elantec Semiconductor EL5481CS-T7 Datasheet HTML 8Page - Elantec Semiconductor EL5481CS-T7 Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Note: All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication; however, this data sheet cannot be a “controlled document”. Current revisions, if any, to these
specifications are maintained at the factory and are available upon your request. We recommend checking the revision level before finalization of your design documentation.
© 2001 Elantec Semiconductor, Inc.
General Description
The EL5481C and EL5482C comparators are designed for operation
in single supply and dual supply applications with 5V to 12V between
VS+ and VS-. For single supplies, the inputs can operate from 0.1V
below ground for use in ground sensing applications.
The output side of the comparators can be supplied from a single sup-
ply of 2.7V to 5V. The rail-to-rail output swing enables direct
connection of the comparator to both CMOS and TTL logic circuits.
The latch input of the EL5482C can be used to hold the comparator
output value by applying a low logic level to the pin.
The EL5481C is available in the 16-pin SO (0.150") package and the
EL5482C in the 24-pin QSOP package. All are specified for operation
over the full -40°C to +85°C temperature range. Also available are a
single (EL5181C), a dual (EL5281C), and a window comparator
(EL5283C).
1
2
3
4
16
15
14
13
5
6
7
12
11
10
8
9
IND-
INA-
IND+
VS+
OUTD
OUTC
VSD
INC+
INC-
INA+
GND
OUTA
OUTB
VS-
INB+
INB-
-
+
+
+
+
-
-
-
EL5481CS
16-Pin SO (0.150")
Pin Configurations
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
24
23
22
21
EL5482CU
24-Pin QSOP
-
+
INA-
INA+
NC
LATCHA
LATCHB
NC
INB+
INB-
GND
VS-
OUTA
OUTB
IND-
IND+
NC
LATCHD
LATCHC
NC
INC+
INC-
VSD
VS+
OUTD
OUTC
Features
• 8ns Typ. Propagation Delay
• 5V to 12V Input Supply
• +2.7V to +5V Output Supply
• True-to-ground Input
• Rail-to-rail Outputs
• Active Low Latch
• Single (EL5181C) Available
• Dual (EL5281C) Available
• Window Available (EL5283C)
• Pin-compatible 4ns Family
Available (EL5185C, EL5285C,
EL5287C, EL5485C & EL5486C)
Applications
• Threshold Detection
• High Speed Sampling Circuits
• High Speed Triggers
• Line Receivers
• PWM Circuits
• High Speed V/F Converters
Ordering Information
Part No.
Package
Tape &
Reel
Outline #
EL5481CS
16-Pin SO (0.150")
-
MDP0027
EL5481CS-T7
16-Pin SO (0.150")
7”
MDP0027
EL5481CS-T13
16-Pin SO (0.150")
13”
MDP0027
EL5482CU
24-Pin QSOP
-
MDP0040
EL5482CU-T13
24-Pin QSOP
13”
MDP0040
EL5481C/EL5482C
Quad 8ns High-Speed Comparators


Similar Part No. - EL5481CS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5481CS-T7 INTERSIL-EL5481CS-T7 Datasheet
176Kb / 9P
   Quad 8ns High-Speed Comparators
logo
Renesas Technology Corp
EL5481CS-T7 RENESAS-EL5481CS-T7 Datasheet
568Kb / 9P
   Quad 8ns High-Speed Comparators
June 14, 2001
More results

Similar Description - EL5481CS-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL5481 RENESAS-EL5481 Datasheet
568Kb / 9P
   Quad 8ns High-Speed Comparators
June 14, 2001
logo
Intersil Corporation
EL5481 INTERSIL-EL5481 Datasheet
176Kb / 9P
   Quad 8ns High-Speed Comparators
logo
Elantec Semiconductor
EL5283C ELANTEC-EL5283C Datasheet
257Kb / 9P
   Dual and Window 8ns High-Speed Comparators
logo
Intersil Corporation
EL5181 INTERSIL-EL5181 Datasheet
106Kb / 9P
   8ns High-Speed Comparator
logo
Elantec Semiconductor
EL5181C ELANTEC-EL5181C Datasheet
106Kb / 11P
   8ns High-Speed Comparator
EL5485C ELANTEC-EL5485C Datasheet
119Kb / 12P
   Quad 4ns High Speed Comparators
logo
Intersil Corporation
EL5485 INTERSIL-EL5485 Datasheet
154Kb / 9P
   Quad 4ns High Speed Comparators
EL5281 INTERSIL-EL5281 Datasheet
161Kb / 9P
   Dual 8ns High-Speed Comparator
EL5283 INTERSIL-EL5283 Datasheet
150Kb / 8P
   Window 8ns High-Speed Comparator
logo
Elantec Semiconductor
EL5281C ELANTEC-EL5281C Datasheet
108Kb / 11P
   Dual 8ns High-Speed Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com