Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA5364X Datasheet(PDF) 11 Page - STANLEY ELECTRIC CO.,LTD.

Part # FA5364X
Description  Outer Dimension ?5 Round shape type
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

FA5364X Datasheet(HTML) 11 Page - STANLEY ELECTRIC CO.,LTD.

Back Button FA5364X Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. FA5364X Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. FA5364X Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. FA5364X Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD. FA5364X Datasheet HTML 11Page - STANLEY ELECTRIC CO.,LTD. FA5364X Datasheet HTML 12Page - STANLEY ELECTRIC CO.,LTD. FA5364X Datasheet HTML 13Page - STANLEY ELECTRIC CO.,LTD. FA5364X Datasheet HTML 14Page - STANLEY ELECTRIC CO.,LTD. FA5364X Datasheet HTML 15Page - STANLEY ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Page 11
Single Color High Brightness φ5 Type
5364X Series
Technical Data(FA)
Pulse Width vs. Maximum Tolerable Peak Current
Condition : Ta = 25℃
Pulse Width : tw (μs)
Dynamic Drive Rating
Duty cycle vs. Maximum Forward Current
Condition : Ta = 25℃
Duty (%)
2012.11.02


Similar Part No. - FA5364X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FA5364X STANLEY-FA5364X Datasheet
267Kb / 1P
   SINGLE COLOR LED
More results

Similar Description - FA5364X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
VRPG5641K STANLEY-VRPG5641K Datasheet
1Mb / 18P
   Outer Dimension 2횞5 Rectangular shape type
WR5004X STANLEY-WR5004X_10 Datasheet
131Kb / 10P
   Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
BG5305S STANLEY-BG5305S Datasheet
432Kb / 33P
   Single Color ?5 Round Shape Type
WR5006X STANLEY-WR5006X Datasheet
132Kb / 10P
   Single Color 5 Round Shape Type
WR5004X STANLEY-WR5004X Datasheet
131Kb / 10P
   Single Color 5 Round Shape Type
WR5005S STANLEY-WR5005S_10 Datasheet
132Kb / 10P
   Single Color ?5 Round Shape Type
5614S STANLEY-5614S Datasheet
305Kb / 18P
   Bi-color ?5 Round Shape Type
5335S STANLEY-5335S Datasheet
413Kb / 33P
   Single Color ?5 Round Shape Type
KR5004X STANLEY-KR5004X Datasheet
187Kb / 12P
   Single Color ?5 Round Shape Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com