Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K2CM-2LAV Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # K2CM-2LAV
Description  Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase and Reverse-phase)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K2CM-2LAV Datasheet(HTML) 1 Page - Omron Electronics LLC

  K2CM-2LAV Datasheet HTML 1Page - Omron Electronics LLC K2CM-2LAV Datasheet HTML 2Page - Omron Electronics LLC K2CM-2LAV Datasheet HTML 3Page - Omron Electronics LLC K2CM-2LAV Datasheet HTML 4Page - Omron Electronics LLC K2CM-2LAV Datasheet HTML 5Page - Omron Electronics LLC K2CM-2LAV Datasheet HTML 6Page - Omron Electronics LLC K2CM-2LAV Datasheet HTML 7Page - Omron Electronics LLC K2CM-2LAV Datasheet HTML 8Page - Omron Electronics LLC K2CM-2LAV Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CSM_K2CM_DS_E_5_1
1
Motor Protective Relay
K2CM
Solid-state Relay Enables Choice of Three
Operating Functions (Overcurrent, Open-
phase, and Reverse-phase)
• Protects 3-phase induction motors and their loads from dam-
age.
• Selection and combination of operating functions from overcur-
rent, open-phase, and reverse-phase.
• Circuit and output relay operation can be checked by just oper-
ating the test button.
• The set time value can be checked easily because operation
time is indicated from the start of operation.
• Space-saving, integrated construction.
Note: If the K2CM is used with an inverter, the operating conditions will
depend on the load wiring length, inverter carrier frequency, basic
frequency, and load conditions. Error will occur in the operating
values of the overload elements. It is recommended to test
operation before using the K2CM.
Model Number Structure
■ Model Number Legend
1. Model
K2CM: Motor relay
2. Mounting style
None: Surface-mounting, integrated type
3. Operating time characteristics
None: Inverse type
Q:
Instantaneous type
4. Supply voltage of control circuit
1:
100/110/120 VAC
2:
200/220/240 VAC
4:
400/440 VAC
5. Current setting range
LS:
2 to 8 A
L:
8 to 26 A
M:
20 to 65 A
H:
50 to 160 A
6. Operating time
None:
×1 (2 to 10 s)/ ×4 (8 to 40 s) Switchable
7. Resetting method
None: Manual reset
A:
Automatic reset
8. Reverse-phase detection type
None: Current reverse-phase detection
V:
Voltage reverse-phase detection
Ordering Information
■ List of Models
Voltage Reverse-phase Detection Models
12 3 4
5 6
K2CM-
@@@-@@
Time specification
Inverse type
Instantaneous type
Resetting
method
Current setting range
8 to 26 A
20 to 65 A
50 to 160 A
8 to 26 A
20 to 65 A
50 to 160 A
Operating voltage
Manual
200/220/240 VAC
K2CM-2LV
K2CM-2MV
K2CM-2HV
K2CM-Q2LV
K2CM-Q2MV
K2CM-Q2HV
Automatic 200/220/240 VAC
K2CM-2LAV
K2CM-2MAV
K2CM-2HAV
K2CM-Q2LAV
K2CM-Q2MAV
K2CM-Q2HAV


Similar Part No. - K2CM-2LAV

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K2CM-2LA OMRON-K2CM-2LA Datasheet
1Mb / 16P
   Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase, and Reverse-phase)
More results

Similar Description - K2CM-2LAV

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K2CM-Q2MA OMRON-K2CM-Q2MA Datasheet
1Mb / 16P
   Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase, and Reverse-phase)
logo
Hongfa Technology
HFS24 HONGFA-HFS24 Datasheet
114Kb / 3P
   THREE-PHASE SOLID STATE RELAY
logo
celduc-relais
SGT968360E CELDUC-SGT968360E Datasheet
352Kb / 4P
   Three Phase Solid State Relay
logo
TE Connectivity Ltd
SSR3 TEC-SSR3 Datasheet
475Kb / 3P
   Three Phase Solid State Relay
02-2021, Rev. 0221
logo
celduc-relais
SGT962360E CELDUC-SGT962360E Datasheet
393Kb / 4P
   Three Phase Solid State Relay
SGT967360E CELDUC-SGT967360E Datasheet
262Kb / 4P
   Three Phase Solid State Relay
SGT7650500 CELDUC-SGT7650500 Datasheet
702Kb / 6P
   Three phase power solid state relay
SGT8670500 CELDUC-SGT8670500 Datasheet
712Kb / 6P
   Three phase power solid state relay
SGT8658502 CELDUC-SGT8658502 Datasheet
1Mb / 6P
   Three phase power solid state relay
SGT9854320 CELDUC-SGT9854320 Datasheet
1Mb / 6P
   Three phase power solid state relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com