Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K2CM-Q2H Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # K2CM-Q2H
Description  Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase and Reverse-phase)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

K2CM-Q2H Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button K2CM-Q2H Datasheet HTML 7Page - Omron Electronics LLC K2CM-Q2H Datasheet HTML 8Page - Omron Electronics LLC K2CM-Q2H Datasheet HTML 9Page - Omron Electronics LLC K2CM-Q2H Datasheet HTML 10Page - Omron Electronics LLC K2CM-Q2H Datasheet HTML 11Page - Omron Electronics LLC K2CM-Q2H Datasheet HTML 12Page - Omron Electronics LLC K2CM-Q2H Datasheet HTML 13Page - Omron Electronics LLC K2CM-Q2H Datasheet HTML 14Page - Omron Electronics LLC K2CM-Q2H Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
K2CM
11
Dimensions
Note: All units are in millimeters unless otherwise indicated.
Surface-mounting Models
Operating Procedures
■ Operation, Setting, and Indication
Based on the current value of the motor to be used, perform the setting of each item of the K2CM Motor Protective Relay.
List of Current Settings (when using a 200-VAC motor)
*
The squares (
@) represent the symbols defined under Model Number Legend.
**
The rated current is the current at full load.
*** Supply: Low-voltage 3-phase basket type inductive motor, full-load characteristics of 200 VAC, 4-pole, totally-enclosed.
Note: When using a large-capacity or high-voltage motor whose capacity is 45 kW or more, calculate the rated current/alternating current ratio by
converting with the alternating current ratio of the external current transformer.
Type*
K2CM-
@@LS@
K2CM-
@@L@
K2CM-
@@M@
K2CM-
@@H@
Number of passes
11
2
4
8
1
1
Setting
Time scale value
2 to 8
8 to 26
20 to 65
50 to 160
Current setting range (A)
2 to 8
8 to 26
4 to 13 2 to 6.5 1 to 3.25
20 to 65
50 to 160
Motor*** Rated output (kW) Rated current (A)**
0.2
1.8
0.4
2.8
0.75
4.2
1.5
7.3
2.2
10
3.7
16.1
5.5
24
7.5
32
11
45
15
61
18.5
74
22
87
30
117
37
143.0
126
80
6
60
46.5
120
11
33
55
52
11.5
4
48.5
15
Six, M3 terminal screws
33.5
33.5
36
Three, 20-dia. holes
80
±0.5
52
±0.5
Four, 6-dia. mounting holes or
four, M5 mounting-screw holes


Similar Part No. - K2CM-Q2H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K2CM-Q2H OMRON-K2CM-Q2H Datasheet
1Mb / 16P
   Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase, and Reverse-phase)
K2CM-Q2HA OMRON-K2CM-Q2HA Datasheet
1Mb / 16P
   Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase, and Reverse-phase)
More results

Similar Description - K2CM-Q2H

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
K2CM-Q2MA OMRON-K2CM-Q2MA Datasheet
1Mb / 16P
   Solid-state Relay Enables Choice of Three Operating Functions (Overcurrent, Openphase, and Reverse-phase)
logo
Hongfa Technology
HFS24 HONGFA-HFS24 Datasheet
114Kb / 3P
   THREE-PHASE SOLID STATE RELAY
logo
celduc-relais
SGT968360E CELDUC-SGT968360E Datasheet
352Kb / 4P
   Three Phase Solid State Relay
logo
TE Connectivity Ltd
SSR3 TEC-SSR3 Datasheet
475Kb / 3P
   Three Phase Solid State Relay
02-2021, Rev. 0221
logo
celduc-relais
SGT962360E CELDUC-SGT962360E Datasheet
393Kb / 4P
   Three Phase Solid State Relay
SGT967360E CELDUC-SGT967360E Datasheet
262Kb / 4P
   Three Phase Solid State Relay
SGT7650500 CELDUC-SGT7650500 Datasheet
702Kb / 6P
   Three phase power solid state relay
SGT8670500 CELDUC-SGT8670500 Datasheet
712Kb / 6P
   Three phase power solid state relay
SGT8658502 CELDUC-SGT8658502 Datasheet
1Mb / 6P
   Three phase power solid state relay
SGT9854320 CELDUC-SGT9854320 Datasheet
1Mb / 6P
   Three phase power solid state relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com