Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K2402Y Datasheet(PDF) 7 Page - Littelfuse

Part # K2402Y
Description  Teccor짰 brand Thyristors Standard Bidirectional SIDACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2402Y Datasheet(HTML) 7 Page - Littelfuse

Back Button K2402Y Datasheet HTML 3Page - Littelfuse K2402Y Datasheet HTML 4Page - Littelfuse K2402Y Datasheet HTML 5Page - Littelfuse K2402Y Datasheet HTML 6Page - Littelfuse K2402Y Datasheet HTML 7Page - Littelfuse K2402Y Datasheet HTML 8Page - Littelfuse K2402Y Datasheet HTML 9Page - Littelfuse K2402Y Datasheet HTML 10Page - Littelfuse K2402Y Datasheet HTML 11Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
345
Revised: 09/23/13
©2013 Littelfuse, Inc
Specifications are subject to change without notice.
Teccor® brand Thyristors
Standard Bidirectional SIDACs
Kxxxzy Series
Dimensions — DO-214
Dimension
Inches
Millimeters
Max
Max
Min
Max
A
0.130
0.156
3.30
3.95
B
0.201
0.220
5.10
5.60
C
0.077
0.087
1.95
2.20
D
0.159
0.181
4.05
4.60
E
0.030
0.063
0.75
1.60
F
0.075
0.096
1.90
2.45
G
0.002
0.008
0.05
0.20
H
0.077
0.104
1.95
2.65
K
0.006
0.016
0.15
0.41
0.079
(2.0)
0.110
(2.8)
0.079
(2.0)
H
K
E
F
G
A
C
B
D
Case
Temperature
Measurement
Point
Soldering Pad Outline
inch
(millimeter)
Recommended
Dimension
Inches
Millimeters
Max
Max
Min
Max
Ø
B
0.028
0.034
0.711
0.864
Ø
D
0.120
0.140
3.048
3.556
G
0.235
0.270
5.969
6.858
L
1.000
25.400
Dimensions — DO-15
L
L
G
Ø
D
Ø
B
Temperature Measuring Point


Similar Part No. - K2402Y

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K2402Y LITTELFUSE-K2402Y Datasheet
382Kb / 12P
   SIDACs feature glass-passivated junctions to ensure a rugged and dependable
More results

Similar Description - K2402Y

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K3002G LITTELFUSE-K3002G Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K2000GH LITTELFUSE-K2000GH Datasheet
247Kb / 10P
   Teccor짰 brand Thyristors High Energy Bidirectional SIDACs
HT34B LITTELFUSE-HT34B Datasheet
261Kb / 8P
   Teccor짰 brand Thyristors Standard Bidirectional DIAC Trigger
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
S6S1RP LITTELFUSE-S6S1RP Datasheet
293Kb / 10P
   Teccor짰 brand Thyristors
P1100G_LRP LITTELFUSE-P1100G_LRP Datasheet
406Kb / 4P
   Teccor짰 brand Protection Thyristors
K2201G LITTELFUSE-K2201G Datasheet
224Kb / 6P
   Teccor brand Thyristors Multipulse SIDACs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
   Teccor짰 brand Thyristors 12 Amp Standard SCRs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com