Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K2500Y Datasheet(PDF) 9 Page - Littelfuse

Part # K2500Y
Description  Teccor짰 brand Thyristors Standard Bidirectional SIDACs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2500Y Datasheet(HTML) 9 Page - Littelfuse

Back Button K2500Y Datasheet HTML 4Page - Littelfuse K2500Y Datasheet HTML 5Page - Littelfuse K2500Y Datasheet HTML 6Page - Littelfuse K2500Y Datasheet HTML 7Page - Littelfuse K2500Y Datasheet HTML 8Page - Littelfuse K2500Y Datasheet HTML 9Page - Littelfuse K2500Y Datasheet HTML 10Page - Littelfuse K2500Y Datasheet HTML 11Page - Littelfuse K2500Y Datasheet HTML 12Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
347
Revised: 09/23/13
©2013 Littelfuse, Inc
Specifications are subject to change without notice.
Teccor® brand Thyristors
Standard Bidirectional SIDACs
Kxxxzy Series
Packing Options
Part Number
Marking
Weight
Packaging Mode
Base Quantity
Kxxx0G
Kxxx0G
0.38g
Bulk
1000
Kxxx0GRP
Kxxx0G
0.38g
Reel Pack
5000
Kxxx2G
Kxxx2G
0.38g
Bulk
1000
Kxxx2GRP
Kxxx2G
0.38g
Reel Pack
5000
Kxxx0SRP
KxxS
0.1g
Reel Pack
2500
Kxxx0E70
Kxxx0E
0.17g
Bulk
2000
Kxxx0E70AP
Kxxx0E
0.17g
Ammo Pack
2000
Kxxx0E70RP2
Kxxx0E
0.17g
Reel Pack
2000
Kxxx0E70RP3
Kxxx0E
0.17g
Reel Pack
2000
Note: xxx or xx = voltage
DO-214 Embossed Carrier Reel Pack (RP) Specifications
0.472
(12.0)
0.36
(9.2)
0.315
(8.0)
0.157
(4.0)
0.49
(12.4)
0.512 (13.0) Arbor
Hole Dia.
12.99
(330.0)
Dimensions
are in inches
(and millimeters).
Direction of Feed
0.059
DIA
(1.5)
Cover tape


Similar Part No. - K2500Y

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K2500Y LITTELFUSE-K2500Y Datasheet
382Kb / 12P
   SIDACs feature glass-passivated junctions to ensure a rugged and dependable
K2500YH LITTELFUSE-K2500YH Datasheet
247Kb / 10P
   It is offered in a DO-15 and TO-92 leaded packages
K2500YH LITTELFUSE-K2500YH Datasheet
247Kb / 10P
   Teccor짰 brand Thyristors High Energy Bidirectional SIDACs
K2500yURP LITTELFUSE-K2500yURP Datasheet
840Kb / 9P
   RoHS Compliant
More results

Similar Description - K2500Y

ManufacturerPart #DatasheetDescription
logo
Littelfuse
K3002G LITTELFUSE-K3002G Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K2000GH LITTELFUSE-K2000GH Datasheet
247Kb / 10P
   Teccor짰 brand Thyristors High Energy Bidirectional SIDACs
HT34B LITTELFUSE-HT34B Datasheet
261Kb / 8P
   Teccor짰 brand Thyristors Standard Bidirectional DIAC Trigger
K2201GRP LITTELFUSE-K2201GRP Datasheet
225Kb / 6P
   Teccor짰 brand Thyristors
S6S1RP LITTELFUSE-S6S1RP Datasheet
293Kb / 10P
   Teccor짰 brand Thyristors
P1100G_LRP LITTELFUSE-P1100G_LRP Datasheet
406Kb / 4P
   Teccor짰 brand Protection Thyristors
K2201G LITTELFUSE-K2201G Datasheet
224Kb / 6P
   Teccor brand Thyristors Multipulse SIDACs
L4X3RP LITTELFUSE-L4X3RP Datasheet
385Kb / 10P
   Teccor짰 brand Thyristors 0.8 Amp Sensitive & Standard Triacs
S8012DRP LITTELFUSE-S8012DRP Datasheet
351Kb / 8P
   Teccor짰 brand Thyristors 12 Amp Standard SCRs
Q6X3RP LITTELFUSE-Q6X3RP Datasheet
836Kb / 9P
   Teccor짰 brand Thyristors 1 Amp Sensitive & Standard Triacs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com