Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3480 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SI3480
Description  POWER MANAGEMENT CONTROLLER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SI3480 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SI3480 Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3480 Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3480 Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3480 Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3480 Datasheet HTML 7Page - List of Unclassifed Manufacturers SI3480 Datasheet HTML 8Page - List of Unclassifed Manufacturers SI3480 Datasheet HTML 9Page - List of Unclassifed Manufacturers SI3480 Datasheet HTML 10Page - List of Unclassifed Manufacturers SI3480 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Si3480
Rev. 1.0
7
4. LEDs
Upon power application or reset (by SW1 in the upper left corner), the Si3480 probes to see whether there are one
or two Si3452 ICs connected (4 or 8 ports). The Si3480 then controls the LED display in the start-up sequence
described and automatically starts managing the power among the ports as determined by the configuration pins.
After start-up, the Si3480 controls the power meter and port status LEDs give a visual indication of the status.
4.1. Start-Up LED Sequence
During start-up, the LEDs are lit in the sequence listed in Table 4 (1 second for each step).
4.2. Port Status LEDs
After the start-up sequence, the port status LEDs display the patterns listed in Table 5 to indicate port status.
For a port overload, an open circuit must be seen before the port is re-enabled; that is, the PD must be unplugged,
and the overload must be cleared.
Ports are turned off in priority order if more than the available power is being consumed. If the amount of power
consumed is >10% more than the available power, all low-priority ports are shut off immediately.
Ports are not granted power unless there is enough power available to grant the requested power (based on
classification) with 15% margin. The 15% margin generally avoids situations where a port is granted power and
then later turned off due to lack of power.
If a port is turned off or denied power due to a lack of available power, the LED continues flashing twice every two
seconds until enough power is available to turn the port on or the PD is unplugged.
4.3. Power Meter LEDs
The power meter LEDs light consecutively, indicating the amount of power that is being consumed. There are eight
LEDs in the power meter. The LEDs will light in bar graph fashion:
Number_LEDs_Lit = 8 x Total_Power_Consumed / (0.85 x Provided_Power – 4 W) (rounded down)
The eighth power meter LED is generally a red LED. If this LED is lit, it means that there is not enough power
available to grant even a Class 1 load power and maintain a 15% margin. The eighth LED is flashed five times per
second if the Si3452 controllers report a power supply undervoltage.
Table 4. LED Sequence
Step
Action
1
All LEDs on.
2
Port 1 LED and either four or eight power meter LEDs to indicate the number of 4-port controllers found by the
Si3480 (no LEDs if no controllers are found).
3
Port 2 LED and zero to eight power meter LEDs to indicate the provided power as determined by reading the volt-
age at the PWRCFG pin in 25 W steps (e.g. two LEDs is 50 W).
4
Port 3 LED and zero to eight power meter LEDs to indicate the number of PoE+ ports as determined by reading
the voltage at the POECFG pin.
5
Port 4 LED and zero to eight power meter LEDs to indicate the number of high-priority ports as determined by
reading the voltage at the PRIOCFG pin.
Table 5. Port LED Pattern Definitions
Port LED Pattern
Meaning
Flashing once every two seconds
Detection and Classification in process
Continuously lit
PoE port is on
Blinks off once every two seconds
PoE+ port is on with a class 4 PD load (30 W granted)
Flashing five times per second
Port overloaded
Flashing twice every two seconds
Power denied due to lack of power


Similar Part No. - SI3480

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3480 SILABS-SI3480 Datasheet
144Kb / 14P
   POWER MANAGEMENT CONTROLLER
More results

Similar Description - SI3480

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33128 MOTOROLA-MC33128 Datasheet
177Kb / 8P
   POWER MANAGEMENT CONTROLLER
logo
Silicon Laboratories
SI3483 SILABS-SI3483 Datasheet
1Mb / 52P
   POWER MANAGEMENT CONTROLLER
SI3480 SILABS-SI3480 Datasheet
144Kb / 14P
   POWER MANAGEMENT CONTROLLER
SI3482 SILABS-SI3482 Datasheet
391Kb / 38P
   POWER MANAGEMENT CONTROLLER
logo
National Semiconductor ...
PC87570 NSC-PC87570 Datasheet
1Mb / 168P
   PC87570 Keyboard and Power Management Controller
logo
Texas Instruments
TPS659110 TI1-TPS659110 Datasheet
453Kb / 10P
[Old version datasheet]   Power Management Unit with DCDC Controller
logo
Silicon Laboratories
SI3484 SILABS-SI3484 Datasheet
606Kb / 53P
   64-PORT POE POWER MANAGEMENT CONTROLLER
logo
NXP Semiconductors
PCF50603 PHILIPS-PCF50603 Datasheet
147Kb / 28P
   Controller for power supply and battery management
2003 Oct 31
logo
EM Microelectronic - MA...
EM8500 EMMICRO-EM8500 Datasheet
1Mb / 34P
   POWER MANAGEMENT CONTROLLER WITH ENERGY HARVESTING INTERFACE
logo
Texas Instruments
BQ78350-R1 TI1-BQ78350-R1 Datasheet
1Mb / 32P
[Old version datasheet]   Battery Management Controller Companion
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com