Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3865CDV Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SI3865CDV
Description  Load Switch with Level-Shift
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3865CDV Datasheet(HTML) 4 Page - Vishay Siliconix

  SI3865CDV Datasheet HTML 1Page - Vishay Siliconix SI3865CDV Datasheet HTML 2Page - Vishay Siliconix SI3865CDV Datasheet HTML 3Page - Vishay Siliconix SI3865CDV Datasheet HTML 4Page - Vishay Siliconix SI3865CDV Datasheet HTML 5Page - Vishay Siliconix SI3865CDV Datasheet HTML 6Page - Vishay Siliconix SI3865CDV Datasheet HTML 7Page - Vishay Siliconix SI3865CDV Datasheet HTML 8Page - Vishay Siliconix SI3865CDV Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
4
Document Number: 69010
S10-2142-Rev. C, 20-Sep-10
Vishay Siliconix
Si3865CDV
New Product
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
On-Resistance vs. Input Voltage
Switching Variation
R2 at VIN = 4.5 V, R1 = 20 k
Switching Variation
R2 at VIN = 1.8 V, R1 = 20 k
0.0
0.1
0.2
0.3
0.4
0.5
0
1234
5
TJ = 25 °C
TJ = 125 °C
VIN (V)
IL =1A
VON/OFF = 1.5 V to 8 V
R2 (k
Ω)
0
15
30
45
60
02
4
6
8
10
IL = 1 A
VON/OFF = 3 V
Ci = 10 µF
Co = 1 µF
td(on)
tr
tf
td(off)
0
7
14
21
28
35
02
4
6
8
10
R2 (k
Ω)
IL = 1 A
VON/OFF = 3 V
Ci = 10 µF
Co = 1 µF
td(on)
tr
tf
td(off)
Source-Drain Diode Forward Voltage
Switching Variation
R2 at VIN = 2.5 V, R1 = 20 k
Switching Variation
R2 at VIN = 4.5 V, R1 = 300 k
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TJ = 150 °C
TJ = 25 °C
VSD -Source-to-Drain Voltage (V)
0
9
18
27
36
45
0
246
8
10
R2 (k
Ω)
IL = 1 A
VON/OFF = 3 V
Ci = 10 µF
Co = 1 µF
td(on)
tr
tf
td(off)
0
150
300
450
600
750
900
0
204060
80
100
R2 (k
Ω)
IL = 1 A
VON/OFF = 3 V
Ci = 10 µF
Co = 1 µF
td(on)
tr
tf
td(off)


Similar Part No. - SI3865CDV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3865CDV VISHAY-SI3865CDV Datasheet
250Kb / 10P
   Load Switch with Level-Shift
01-Jan-2022
SI3865CDV VISHAY-SI3865CDV_V01 Datasheet
250Kb / 10P
   Load Switch with Level-Shift
01-Jan-2022
More results

Similar Description - SI3865CDV

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4704DY VISHAY-SI4704DY Datasheet
51Kb / 4P
   Load Switch with Level-Shift
Rev. A, 05-Aug-02
logo
Union Semiconductor, In...
UM3865P UNIONSEMI-UM3865P Datasheet
231Kb / 6P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI1040X VISHAY-SI1040X Datasheet
46Kb / 5P
   Load Switch with Level-Shift
Rev. A, 04-Mar-02
SI3865BDV VISHAY-SI3865BDV Datasheet
89Kb / 6P
   Load Switch with Level-Shift
Rev. B, 14-Jun-04
SI3861BD VISHAY-SI3861BD Datasheet
117Kb / 6P
   Load Switch with Level-Shift
Rev. B, 12-Oct-09
SI1869DH VISHAY-SI1869DH_V01 Datasheet
184Kb / 11P
   Load Switch with Level-Shift
08-Feb-17
SI3865DDV VISHAY-SI3865DDV_V02 Datasheet
253Kb / 10P
   Load Switch with Level-Shift
01-Jan-2022
logo
TECH PUBLIC Electronics...
TPM3320S6 TECHPUBLIC-TPM3320S6 Datasheet
3Mb / 7P
   Load Switch with Level-Shift
logo
Vishay Siliconix
SI1040X-T1 VISHAY-SI1040X-T1 Datasheet
151Kb / 8P
   Load Switch with Level-Shift
Rev. D, 08-Nov-10
SI3865DDV VISHAY-SI3865DDV Datasheet
240Kb / 10P
   Load Switch with Level-Shift
Rev. D, 08-Sep-14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com