Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2425N50200AHF Datasheet(PDF) 4 Page - Anaren Microwave

Part # BD2425N50200AHF
Description  Ultra Low Profile 0404 Balun 50 to 200 Balanced
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

BD2425N50200AHF Datasheet(HTML) 4 Page - Anaren Microwave

  BD2425N50200AHF Datasheet HTML 1Page - Anaren Microwave BD2425N50200AHF Datasheet HTML 2Page - Anaren Microwave BD2425N50200AHF Datasheet HTML 3Page - Anaren Microwave BD2425N50200AHF Datasheet HTML 4Page - Anaren Microwave BD2425N50200AHF Datasheet HTML 5Page - Anaren Microwave BD2425N50200AHF Datasheet HTML 6Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Model BD2425N50200AHF
Rev A
Mounting Configuration:
In order for Xinger surface mount components to work optimally, the proper impedance transmission lines must be
used to connect to the RF ports. If this condition is not satisfied, insertion loss, Isolation and VSWR may not meet
published specifications.
All of the Xinger components are constructed from ceramic filled PTFE composites which possess excellent electrical
and mechanical stability having X and Y thermal coefficient of expansion (CTE) of 17 ppm/
oC.
An example of the PCB footprint used in the testing of these parts is shown below. An example of a DC-biased
footprint is also shown below. In specific designs, the transmission line widths need to be adjusted to the unique
dielectric coefficients and thicknesses as well as varying pick and place equipment tolerances
With No DC Bias
With DC Bias
Solder Resist
Footprint Pad (s)
Circuit Pattern
Dimensions are in Inches [Millimeters]
Mounting Footprint
Plated thru
hole to
ground
3X Transmission
Line
.020 [0.51]
.014 [0.36]
.008 [0.20]
3X
.011 [0.28]
SQ
Plated thru
hole to
ground
3X Transmission
Line
3X .011
[0.28]
3X .011
[0.28]
.020
[0.51]
.014 [0.36]
.008 [0.20]
.008 [0.20]
Solder Resist
Footprint Pad (s)
Circuit Pattern
Dimensions are in Inches [Millimeters]
.020 [0.51]


Similar Part No. - BD2425N50200AHF

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
BD2425N50200AHF ANAREN-BD2425N50200AHF Datasheet
295Kb / 5P
   Ultra Low Profile 0404 Balun 50 to 200 Balanced
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com