Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL0902A90 Datasheet(PDF) 5 Page - Littelfuse

Part # SL0902A90
Description  Gas Discharge Tube (GDT) Products
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL0902A90 Datasheet(HTML) 5 Page - Littelfuse

  SL0902A90 Datasheet HTML 1Page - Littelfuse SL0902A90 Datasheet HTML 2Page - Littelfuse SL0902A90 Datasheet HTML 3Page - Littelfuse SL0902A90 Datasheet HTML 4Page - Littelfuse SL0902A90 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
©2010 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
17
Revised: July 6, 2010
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
CG5 and SL0902A Series
CG5 and SL0902A Series
Part Numbering System and Ordering Information
CG5 xxx L TR
Breakdown Voltage
90 = 90V
230 = 230V
350 = 350V
600 = 600V
Series
CG5
Lead Option Code
(Blank) = Core Device (No Leads)
L = Straight Leads
LS = Shaped Leads
MS = Surface Mount
Packaging Option Code
(Blank) = Bulk (Applies to Core Devices Only)
TR = Tape & Reel
SL0902A xxx SM
Breakdown Voltage
90 = 90V
230 = 230V
350 = 350V
420 = 420V
Series
SL0902A
Lead Option Code
SM = Surface Mount
(Packaging Option Code is not applicable for SL0902A)
Packaging
Part Number and DeviceType
Device Dimensions
Reference
Quantity and Packaging
Description
CG5xxx
Core
Outline 501
1000pcs/bag in bulk packaging
CG5xxxLS
Shaped Leads
Outline 500
900pcs/reel in carrier and tape*
CG5xxxLTR
CG5xxxL-03TR**
Straight Axial Leads
Outline 502
1000pcs/reel in tape and reel*
CG5xxxL-02**
Bent Radial Leads
Outline 503
50pcs/tray in tray and cover
CG5xxxMS
SL0902AxxxSM
Surface mount
Outline 505
900pcs/reel in carrier and tape*
* For tape specifications and dimensions, please contact factory.
** Special order items not available for general sale. Please contact Littelfuse for details.


Similar Part No. - SL0902A90

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL0902A90 LITTELFUSE-SL0902A90 Datasheet
417Kb / 5P
   Gas Discharge Tube (GDT) Products
More results

Similar Description - SL0902A90

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG2-350L LITTELFUSE-CG2-350L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1003A090C LITTELFUSE-SL1003A090C Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com