Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLR-343DC Datasheet(PDF) 3 Page - Rohm

Part # SLR-343DC
Description  Viewing angle 20 1/2 40
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SLR-343DC Datasheet(HTML) 3 Page - Rohm

  SLR-343DC Datasheet HTML 1Page - Rohm SLR-343DC Datasheet HTML 2Page - Rohm SLR-343DC Datasheet HTML 3Page - Rohm SLR-343DC Datasheet HTML 4Page - Rohm SLR-343DC Datasheet HTML 5Page - Rohm SLR-343DC Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SLR-343 Series
Rank Reference of Brightness
Viewing
angle
(2
ɵ1/2)
Brightness Rank
E
FG
H
J
K
LM
NP
Q
RS
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-343VC
Diffused Colored
SLR-343VR
Viewing
angle
(2
ɵ1/2)
Brightness Rank
E
FG
H
J
K
LM
NP
Q
RS
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-343DC
Diffused Colored
SLR-343DU
Viewing
angle
(2
ɵ1/2)
Brightness Rank
E
FG
H
J
K
LM
NP
Q
RS
T
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-343YC
Diffused Colored
SLR-343YY
Red (V)
(Ta=25˚C, IF=10mA)
Orange (D)
Yellow (Y)
(Ta=25˚C, IF=10mA)
(Ta=25˚C, IF=10mA)
Green (M, P)
Bluish Green (E)
Blue (B)
White (WB)
Viewing
angle
(2
ɵ1/2)
Brightness Rank
EF
G
H
J
K
L
M
N
P
Q
R
ST
U
V
Brightness
(mcd)
Resin Color
0.40 to
0.63
0.63 to
1.0
1.0 to
1.6
1.6 to
2.5
2.5 to
4.0
4.0 to
6.3
6.3 to
10
10 to
16
16 to
25
25 to
40
40 to
63
63 to
100
100 to
160
160 to
250
250 to
400
400 to
630
φ3
Circular type
40˚
Transparent Colored
SLR-343MC
Diffused Colored
SLR-343MG
Diffused Colored
SLR-343PG
Transparent Colored
SLR-343PC
Viewing
angle
(2
ɵ1/2)
Brightness Rank
XH
XJ
XK
XL
XM
XN
XP
XQ
XR
XS
XT
XU
Brightness
(mcd)
Resin Color
150 to
220
220 to
330
330 to
473
470 to
680
680 to
1000
1000 to
1500
1500 to
2200
2200 to
3300
3300 to
4700
4700 to
6800
6800 to
10000
10000 to
15000
φ3
Circular type
40˚
Transparent
Colorless
SLR343EC4T
SLR343ECT
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
(Ta=25˚C, IF=20mA)
Viewing
angle
(2
ɵ1/2)
Brightness Rank
XH
XJ
XK
XL
XM
XN
XP
XQ
XR
XS
XT
XU
Brightness
(mcd)
Resin Color
150 to
220
220 to
330
330 to
473
470 to
680
680 to
1000
1000 to
1500
1500 to
2200
2200 to
3300
3300 to
4700
4700 to
6800
6800 to
10000
10000 to
15000
φ3
Circular type
40˚
Transparent
Colorless
SLR343BC7T
SLR343BC4T
SLR343BCT
Viewing
angle
(2
ɵ1/2)
Brightness Rank
XJ
XK
XL
XM
XN
XP
XQ
XR
XS
XT
XU
Brightness
(mcd)
Resin Color
220 to
330
330 to
473
470 to
680
680 to
1000
1000 to
1500
1500 to
2200
2200 to
3300
3300 to
4700
4700 to
6800
6800 to
10000
10000 to
15000
φ3 Circular
type
40˚
Transparent Colorless
SLR343WBC7T
※Brightness on specification sheet include tolerance of within ± 10%.
(Ta=25˚C, IF=10mA)
3/4
© 2013 ROHM Co., Ltd. All rights reserved.
www.rohm.com
2013.04 - Rev.D


Similar Part No. - SLR-343DC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-343DC ROHM-SLR-343DC Datasheet
247Kb / 3P
   STANDARD TYPE 3.1 CIRCULAR TYPE LED LAMPS
SLR-343DC ROHM-SLR-343DC Datasheet
54Kb / 6P
   Reflecting small LEDs, directly mountable (3.1mm) (no need for solder modification)
SLR-343DC ROHM-SLR-343DC Datasheet
164Kb / 5P
   Competent to direct mount
SLR-343DC ROHM-SLR-343DC Datasheet
176Kb / 5P
   SLR-343 Series
SLR-343DC ROHM-SLR-343DC Datasheet
164Kb / 5P
   Electrical Characteristics Curves
More results

Similar Description - SLR-343DC

ManufacturerPart #DatasheetDescription
logo
Rohm
SLR-56VC3F ROHM-SLR-56VC3F Datasheet
1Mb / 8P
   Viewing angle 20 1/2 40
SLI-343UR3F ROHM-SLI-343UR3F Datasheet
139Kb / 4P
   Viewing angle 20 1/2 40
SLR-342MG3F ROHM-SLR-342MG3F Datasheet
878Kb / 4P
   Viewing angle 20 1/2 40
SLR-56MGT32 ROHM-SLR-56MGT32 Datasheet
899Kb / 4P
   Viewing angle 20 1/2 40
SLR-342VRT32 ROHM-SLR-342VRT32 Datasheet
810Kb / 5P
   Viewing angle 20 1/2 40
SLI-343D8U3F ROHM-SLI-343D8U3F Datasheet
145Kb / 4P
   Viewing angle 2 1/2 40
SLR-56MC3F ROHM-SLR-56MC3F Datasheet
899Kb / 4P
   Viewing angle 2 1/2 : 40
SLR-342 ROHM-SLR-342_10 Datasheet
878Kb / 4P
   Viewing angle 2 1/2 : 40 Series
SLR-325VC ROHM-SLR-325VC Datasheet
122Kb / 3P
   Viewing angle 2 1/2 : 40 Lead pitch 5mm
SLI-570U2T ROHM-SLI-570U2T Datasheet
129Kb / 3P
   Viewing angle 2 1/2 : 20 (SLI-570 Series) Viewing angle 2 1/2 : 25 (SLA-570 Series)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com