Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLA-120-AFN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SLA-120-AFN
Description  Diversified Electronics
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SLA-120-AFN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SLA-120-AFN Datasheet HTML 1Page - List of Unclassifed Manufacturers SLA-120-AFN Datasheet HTML 2Page - List of Unclassifed Manufacturers SLA-120-AFN Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SLA Series
800.727.5646
atcdiversified.com
Diversified Electronics
215
P hase
M on itors
The ATC Diversified SLA Series is designed to protect 3-phase equipment
against PHASE LOSS, UNDER VOLTAGE, and PHASE REVERSAL
conditions.
With normal operating voltages applied in the proper ABC sequence, the
internal relay will energize (PICK-UP). When incorrect phase sequence or
phase loss occurs or the three-phase voltages fall below the drop out
voltages, the relay will de-energize (DROP-OUT). On models featuring
indicators, the LED glows when all line conditions are normal.
Both Delta and Wye systems may be monitored. In Wye systems, connec-
tions to neutral are NOT required.
For UL Listed units, with field wiring terminals, copper wire with
60°/ 75°C rating must be used for control circuitry connections.
NOTE: When a phase is lost while the motor is running, a condition known as
regeneration occurs where a voltage is induced into the open phase nearly
equal in magnitude to the normal phase-to-phase voltage. However, with the
exception of lightly loaded motors, enough change is detected by the SLA to pro-
vide the required protection when properly adjusted.
STYLE “A”
\\\SPECIFICATIONS
DROP-OUT
VOLTAGE
1 Ø Low
83% of Nominal
3 Ø Low
90% of Nominal
RESPONSE TIMES
STYLE “A” & “E”
Models Up to 300 VAC
Operate
250 mSEC
Release
0.5 SEC
Models Over 300 VAC
Operate
1.0 SEC
Release
2.0 SEC
RESPONSE TIMES
STYLE “N”
Operate
60 mSEC
Release
0.5 SEC
POWER
REQUIRED
Style “A” 3 VA (approx.)
Style “E”
Models up to 300 VAC: 3 VA (max.)
Models over 300 VAC: 7 VA (max.)
Models over 500 VAC: 3 VA (max.)
Style “N” 3 VA (max.)
OPERATING
VOLTAGE
See Ordering Information
RESET
Automatic (Manual Optional)
INDICATOR LED
Glows when all conditions are Normal
(On Applicable Models)
OUTPUT RATING
SPDT (style “A” and “N”)
DPDT (style “E”)
PHASE
SEQUENCE
ABC (Will Not Operate CBA)
TEMPERATURE
RATING
Operate
32° to +131°F (0° to +55°C)
Storage
-49° to 185°F (-45° to +85°C)
U.S. PATENT
NUMBER
3,611,050
WEIGHT
Style “A” NET: 2.24 oz Shipping: 2.56 oz
Style “E” NET: 4.8 oz Shipping: 5.76 oz
Style “N” NET: 5.3 oz Shipping: 5.6 oz
• Air Handlers
• Computer Power Protection
• Conveyor Drive
• Water Waste & Sewage
Machinery
• Oil & Gas Pumps
• Sawmill & Woodpump
Machinery
• Power Substation
• Automatic Transfer Switching
for Monitoring Emergency
Power Supplies
• Irrigation Pumps
• Lift Station Pumps
• Robotics Equipment
• Elevator Drives
• Commercial/Industrial Air
Conditioning & Refrigeration
Compressors
MODEL NUMBER >>>>>> SLA
A
Operating Voltage
F
A
R
See Ordering Information
Type of Operation
Fixed
Lock Shaft Adjusted
L
Screwdriver Adjusted
S
Enclosure Style
Octal Plug-In, Dust Cover
Blade Plug-In, Dust Cover B
Surface Mounted, #8 Screw Terminals E
Surface Mounted, 1/4" Quick Disconnect Terminals N
Options
Add R Suffix when manual reset is required,
(available only in style “E” enclosure)
Plug-In models are UL listed only when used with
RB-08 relay socket.
U
STYLE “E”
STYLE “N”
• Available up to 480 VAC
• Delta or Wye Systems
• Fixed, Lock Shaft, or
Screwdriver Adjustment
• Several Enclosure Styles
PROTECTS 3-PHASE
EQUIPMENT AGAINST:
• Phase Loss
• Under Voltage
• Phase Reversal
TYPICAL APPLICATIONS:


Similar Part No. - SLA-120-AFN

ManufacturerPart #DatasheetDescription
logo
Ningbo songle relay co....
SLA-12VDC-SL-A SONGLERELAY-SLA-12VDC-SL-A Datasheet
670Kb / 2P
   SIngle-component type 4 P
SLA-12VDC-SL-B SONGLERELAY-SLA-12VDC-SL-B Datasheet
670Kb / 2P
   SIngle-component type 4 P
SLA-12VDC-SL-C SONGLERELAY-SLA-12VDC-SL-C Datasheet
670Kb / 2P
   SIngle-component type 4 P
SLA-12VDC-SL-C SONGLERELAY-SLA-12VDC-SL-C Datasheet
3Mb / 2P
   Miniature volume, PCB usage
More results

Similar Description - SLA-120-AFN

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
NA551 AXIOMTEK-NA551 Datasheet
261Kb / 1P
   Supports diversified LAN modules expansion
logo
Ohmite Mfg. Co.
RES-MCS OHMITE-RES-MCS Datasheet
494Kb / 2P
   Industrial electronics, power electronics
logo
List of Unclassifed Man...
Z8E00010PSC ETC-Z8E00010PSC Datasheet
69Kb / 1P
   electronics
logo
NTE Electronics
02-N101-1 NTE-02-N101-1 Datasheet
408Kb / 1P
   Automotive Electronics
logo
Winchester Electronics ...
SDKC-59-226 WINCHESTER-SDKC-59-226 Datasheet
95Kb / 1P
   KINGS ELECTRONICS
logo
Festo Corporation.
8066765 FESTO-8066765 Datasheet
81Kb / 1P
   Electronics module
8/9/22
533360 FESTO-533360 Datasheet
79Kb / 1P
   Electronics module
8/9/22
533361 FESTO-533361 Datasheet
78Kb / 1P
   Electronics module
8/9/22
537987 FESTO-537987 Datasheet
77Kb / 1P
   Electronics module
8/9/22
543333 FESTO-543333 Datasheet
79Kb / 1P
   Electronics module
8/9/22
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com