Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REFK1906331LG1 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # REFK1906331LG1
Description  DATA SUBJECT TO CHANGE WITHOUT NOTLCE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

REFK1906331LG1 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  REFK1906331LG1 Datasheet HTML 1Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Data subject to change without notice. Isometric drawing not to scale.
www.hammondmfg.com
PART NO. REFK1906331
Shipped knockdown for handling ease & protection.
NOTES
Item Number
Title
Quantity
1
REFK - TOP PANEL
1
2
REFK - SIDE PANEL
2
3
REFK - BOTTOM PANEL
1
4
REFK - GLAND PLATE
1
5
COMBINATION RAILS TAPPED (PAIR)
2
6
FLAT NYLON WASHER 1/4" I.D.
8
7
SCREW 6-32X1/4 SELF TAPPING
6
8
SCREW 1/4-20 X 1/2
8
9
NUT 1/4-20 KEP
8
PART NUMBERS
PAINTED BLACK TEXTURED
PAINTED RAL7035 TEXTURED
REFK1906331BK1
REFK1906331LG1
REFK1906331CG1 PAINTED CONT. GRAY TEXTURED
FRONT VIEW
L.S. VIEW
REAR VIEW
BOTTOM VIEW
TOP VIEW
A
A
B
B
SECTION A-A
SECTION B-B
21.33 in
542 mm
18.35 in
466 mm
19" MTG
63.00 in
1600 mm
(36U)
19.06 in
484 mm
USABLE
SPACE
31.50 in
800 mm
68.19 in
1732 mm
30.00 in
762 mm
USABLE
SPACE
DETAIL C
DETAIL C
.00 in
0 mm
1.18 in
30 mm
1.40 in
35 mm
2.06 in
52 mm
2.90 in
74 mm
3.56 in
90 mm
6
8X
2
4
7
6X
1
3
5
5
9
8X
8
8X
O
.28 in
7 mm
4X
5/16-18 THRU


Similar Part No. - REFK1906331LG1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
REFK1906331LG1 HAMMOND-REFK1906331LG1 Datasheet
121Kb / 3P
   Armoire a assembler - modele economique
More results

Similar Description - REFK1906331LG1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
FLHTF800A115 HAMMOND-FLHTF800A115 Datasheet
302Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MD2 HAMMOND-1490MD2 Datasheet
182Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MG6 HAMMOND-1490MG6 Datasheet
171Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1490MJ12 HAMMOND-1490MJ12 Datasheet
182Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Qimonda AG
GRDBARV22 QIMONDA-GRDBARV22 Datasheet
142Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
logo
Hammond Manufacturing L...
HCS-DFG-48 HAMMOND-HCS-DFG-48 Datasheet
135Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
GRDBAR800 HAMMOND-GRDBAR800 Datasheet
147Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
1554MPB3 HAMMOND-1554MPB3 Datasheet
245Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ643HLP HAMMOND-HJ643HLP Datasheet
108Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ644HLP HAMMOND-HJ644HLP Datasheet
108Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
HJ683HLP HAMMOND-HJ683HLP Datasheet
115Kb / 1P
   DATA SUBJECT TO CHANGE WITHOUT NOTLCE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com