Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3C07P1-03 Datasheet(PDF) 9 Page - Anaren Microwave

Part # X3C07P1-03
Description  Hybrid Coupler
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3C07P1-03 Datasheet(HTML) 9 Page - Anaren Microwave

Back Button X3C07P1-03 Datasheet HTML 5Page - Anaren Microwave X3C07P1-03 Datasheet HTML 6Page - Anaren Microwave X3C07P1-03 Datasheet HTML 7Page - Anaren Microwave X3C07P1-03 Datasheet HTML 8Page - Anaren Microwave X3C07P1-03 Datasheet HTML 9Page - Anaren Microwave X3C07P1-03 Datasheet HTML 10Page - Anaren Microwave X3C07P1-03 Datasheet HTML 11Page - Anaren Microwave X3C07P1-03 Datasheet HTML 12Page - Anaren Microwave X3C07P1-03 Datasheet HTML 13Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
`
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model X3C07P1-03S
Rev C
the interface pad will have less capacitive reactance than the Anaren test board. In this case, a wider section of line
before the interface pad (or a larger interface pad) will introduce a shunt capacitance and when properly tuned will
match the performance of the Anaren test board.
Notice that the board layout for the 3dB and 5dB couplers is different from that of the 10dB and 20dB couplers. The
test board for the 3dB and 5dB couplers has all four traces interfacing with the coupler at the same angle. The test
board for the 10dB and 20dB couplers has two traces approaching at one angle and the other two traces at a different
angle. The entry angle of the traces has a significant impact on the RF performance and these parts have
been optimized for the layout used on the test boards shown below.
3 dB and 5dB Test Board
Testing Sample Parts Supplied on Anaren Test Boards
If you have received a coupler installed on an Anaren produced microstrip test board, please remember to remove the
loss of the test board from the measured data. The loss is small enough that it is not of concern for Return Loss and
Isolation/Directivity, but it should certainly be considered when measuring coupling and calculating the insertion loss
of the coupler. An S-parameter file for a “Thru” board (see description of “Thru” board above) will be supplied upon
request. As a first order approximation, one should consider the following loss estimates:
Frequency Band
Avg. Ins. Loss of Test Board @ 25
C
869-894 MHz
~0.064dB
925-960 MHz
~0.068dB
1805-1880 MHz
~0.119dB
1930-1990 MHz
~0.126dB
2110-2170 MHz
~0.136dB
The loss estimates in the table above come from room temperature measurements. It is important to note that the
loss of the test board will change with temperature. This fact must be considered if the coupler is to be evaluated at
other temperatures.


Similar Part No. - X3C07P1-03

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C07P1-03P ANAREN-X3C07P1-03P Datasheet
671Kb / 22P
   30 dB Directional Coupler
X3C07P1-03S ANAREN-X3C07P1-03S Datasheet
2Mb / 26P
   Hybrid Coupler 3 dB, 90
More results

Similar Description - X3C07P1-03

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC0900E-03 ANAREN-XC0900E-03_14 Datasheet
599Kb / 25P
   Hybrid Coupler
XC1900A-03 ANAREN-XC1900A-03_09 Datasheet
714Kb / 25P
   Hybrid Coupler
logo
American Accurate Compo...
JXWBHL-0825-3-N AAC-JXWBHL-0825-3-N Datasheet
82Kb / 1P
   Hybrid Coupler
logo
Anaren Microwave
XC0450E-03 ANAREN-XC0450E-03 Datasheet
615Kb / 25P
   Hybrid Coupler
XC3500M-03 ANAREN-XC3500M-03 Datasheet
652Kb / 25P
   Hybrid Coupler
X3C19P2-03 ANAREN-X3C19P2-03 Datasheet
656Kb / 26P
   Hybrid Coupler
XC0900A-03 ANAREN-XC0900A-03 Datasheet
637Kb / 25P
   Hybrid Coupler
XC1900E-03 ANAREN-XC1900E-03 Datasheet
600Kb / 25P
   Hybrid Coupler
X3C09P1-03S ANAREN-X3C09P1-03S Datasheet
887Kb / 26P
   Hybrid Coupler
X3C19P1-03 ANAREN-X3C19P1-03 Datasheet
645Kb / 26P
   Hybrid Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com