Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7202C Datasheet(PDF) 1 Page - Elantec Semiconductor

Part # EL7202C
Description  High Speed, Dual Channel Power MOSFET Drivers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7202C Datasheet(HTML) 1 Page - Elantec Semiconductor

  EL7202C Datasheet HTML 1Page - Elantec Semiconductor EL7202C Datasheet HTML 2Page - Elantec Semiconductor EL7202C Datasheet HTML 3Page - Elantec Semiconductor EL7202C Datasheet HTML 4Page - Elantec Semiconductor EL7202C Datasheet HTML 5Page - Elantec Semiconductor EL7202C Datasheet HTML 6Page - Elantec Semiconductor EL7202C Datasheet HTML 7Page - Elantec Semiconductor EL7202C Datasheet HTML 8Page - Elantec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
EL7202C7212C7222C
High Speed Dual Channel Power MOSFET Drivers
Note All information contained in this data sheet has been carefully checked and is believed to be accurate as of the date of publication however this data sheet cannot be a ‘‘controlled document’’ Current revisions if any to these
specifications are maintained at the factory and are available upon your request We recommend checking the revision level before finalization of your design documentation
1994 Elantec Inc
Features
 Industry standard driver
replacement
 Improved response times
 Matched rise and fall times
 Reduced clock skew
 Low output impedance
 Low input capacitance
 High noise immunity
 Improved clocking rate
 Low supply current
 Wide operating voltage range
Applications
 Clockline drivers
 CCD Drivers
 Ultra-sound transducer drivers
 Power MOSFET drivers
 Switch mode power supplies
 Class D switching amplifiers
 Ultrasonic and RF generators
 Pulsed circuits
Ordering Information
Part No
Temp Range
Pkg
Outline
EL7202CN b40 Cto a85 C 8-Pin P-DIP MDP0031
EL7202CS b40 Cto a85 C 8-Pin SO
MDP0027
EL7212CN b40 Cto a85 C 8-Pin P-DIP MDP0031
EL7212CS b40 Cto a85 C 8-Pin SO
MDP0027
EL7222CN b40 Cto a85 C 8-Pin P-DIP MDP0031
EL7222CS b40 Cto a85 C 8-Pin SO
MDP0027
General Description
The EL7202CEL7212CEL7222C ICs are matched dual-driv-
ers ICs that improve the operation of the industry standard
DS0026 clock drivers The Elantec Versions are very high speed
drivers capable of delivering peak currents of 20 amps into
highly capacitive loads The high speed performance is achieved
by means of a proprietary ‘‘Turbo-Driver’’ circuit that speeds
up input stages by tapping the wider voltage swing at the out-
put Improved speed and drive capability are enhanced by
matched rise and fall delay times These matched delays main-
tain the integrity of input-to-output pulse-widths to reduce tim-
ing errors and clock skew problems This improved performance
is accompanied by a 10 fold reduction in supply currents over
bipolar drivers yet without the delay time problems commonly
associated with CMOS devices Dynamic switching losses are
minimized with non-overlapped drive techniques
Connection Diagrams
EL7222C
EL7212C
7202 – 2
7202 – 1
Complementary Drivers
Inverting Drivers
EL7202C
7202 – 3
Non-Inverting Drivers
Manufactured under US Patent Nos 5334883
5341047


Similar Part No. - EL7202C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7202CN INTERSIL-EL7202CN Datasheet
126Kb / 7P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202CN INTERSIL-EL7202CN Datasheet
200Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202CN INTERSIL-EL7202CN Datasheet
204Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Renesas Technology Corp
EL7202CN RENESAS-EL7202CN Datasheet
522Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Intersil Corporation
EL7202CS INTERSIL-EL7202CS Datasheet
126Kb / 7P
   High Speed, Dual Channel Power MOSFET Drivers
More results

Similar Description - EL7202C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL89410 INTERSIL-ISL89410 Datasheet
227Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89410IP INTERSIL-ISL89410IP Datasheet
225Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
July 1, 2009
EL7202 INTERSIL-EL7202 Datasheet
126Kb / 7P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202 INTERSIL-EL7202_06 Datasheet
200Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
EL7202CN INTERSIL-EL7202CN Datasheet
204Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89410 INTERSIL-ISL89410_09 Datasheet
228Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Renesas Technology Corp
EL7202 RENESAS-EL7202 Datasheet
522Kb / 9P
   High Speed, Dual Channel Power MOSFET Drivers
ISL89410 RENESAS-ISL89410 Datasheet
568Kb / 10P
   High Speed, Dual Channel Power MOSFET Drivers
logo
Microchip Technology
TC426COA713 MICROCHIP-TC426COA713 Datasheet
528Kb / 16P
   1.5A Dual High-Speed Power MOSFET Drivers
02/16/06
logo
TelCom Semiconductor, I...
TC4426 TELCOM-TC4426 Datasheet
75Kb / 6P
   1.5A DUAL HIGH-SPEED, POWER MOSFET DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com