Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMBN04BE Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # FMBN04BE
Description  Nonilluminated options in 4 or 16 keys, illuminated choices in 12 or 16 keys
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

FMBN04BE Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  FMBN04BE Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. FMBN04BE Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. FMBN04BE Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. FMBN04BE Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
L
Series FM
Membranes
www.nkk.com
L17
FMBP12BF
FMBP16BF
Illuminated • 12 or 16 Keys
Switch Circuit Matrix
For 12 Key
Key numbers in parenthesis are not actually on panel and are for reference only
LED Circuit Matrix
For 12 Key
Switch Circuit Matrix
Detail For 12 or 16 Key
LED Circuit Matrix
Detail For 12 or 16 Key
Switch Circuit Matrix
For 16 Key
LED Circuit Matrix
For 16 Key
16
15
14
13
12
11
10
9
(0)
(4)
(8)
(C)
(D)
(9)
(5)
(1)
(2)
(6)
(A)
(E)
(F)
(B)
(7)
(3)
2.913
(74.0)
(93.0)
3.661
LED Cable
.709
(18.0)
(19.0)
.748
(4.0)
.157
Switch Cable
.039
P (1.0) Typ
.028
(0.7) Typ
.354
(9.0) Typ
Pin 8
Pin 9
16
.020
(0.5) R Typ
1
#
23
45
6
78
9
0
Pin1
3.661
(93.0)
LED Cable
Sq
.709
(18.0)
(19.0)
.748
(4.0)
.157
Switch Cable
.039
P (1.0) Typ
.028
(0.7)Typ
.354
(9.0) Typ
Pin 9
16
Pin 8
.020
(0.5) R Typ
1
02
3
45
67
89
AB
CD
EF
Pin1
(2.0)
.079
(70.0)
2.756
(8.0)
.315
(0.3)
.012
Typ
(2.0)
.079
(70.0)
2.756
(8.0)
.315
(0.3)
.012
Typ
(1)
(4)
(7)
(*)(0)
(8)
(5)
(2)
(3)
(6)
(9)
(#)
8
7
6
5
4
3
2
1
NC
16
15
14
13
12
11
10
9
(1)
(4)
(7)
(*)
(0)
(8)
(5)
(2)
(3)
(6)
(9)
(#)
NC
(0)
(4)
(8)
(C)(D)
(9)
(5)
(1)
(2)
(6)
(A)
(E)(F)
(B)
(7)
(3)
8
7
6
5
4
3
2
1
Dot illumination at upper left corner of each keypad
Dot illumination at upper left corner of each keypad
TYPICAL SWITCH DIMENSIONS


Similar Part No. - FMBN04BE

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
FMB FOX-FMB Datasheet
87Kb / 1P
   CERAMIC SEAM SEALED SMD CRYSTAL
logo
Sanken electric
FMB-2204 SANKEN-FMB-2204 Datasheet
85Kb / 3P
   Schottky Barrier Diodes
FMB-2206 SANKEN-FMB-2206 Datasheet
92Kb / 2P
   Schottky Barrier Diodes
FMB-22H SANKEN-FMB-22H Datasheet
44Kb / 2P
   Schottky Barrier Diodes 20V
FMB-22L SANKEN-FMB-22L Datasheet
44Kb / 2P
   Schottky Barrier Diodes 20V
More results

Similar Description - FMBN04BE

ManufacturerPart #DatasheetDescription
logo
Tontek Design Technolog...
TTP229-AQG TONTEK-TTP229-AQG Datasheet
354Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-LSF TONTEK-TTP229-LSF Datasheet
337Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-BSF TONTEK-TTP229-BSF Datasheet
331Kb / 16P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229-KSF TONTEK-TTP229-KSF Datasheet
336Kb / 18P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
TTP229 TONTEK-TTP229 Datasheet
370Kb / 19P
   16 KEYS OR 8 KEYS TOUCH PAD DETECTOR IC
logo
List of Unclassifed Man...
IQS316 ETC2-IQS316_15 Datasheet
1Mb / 28P
   16 Touch Keys with distributed Proximity Sensing
88974033 ETC2-88974033 Datasheet
130Kb / 5P
   Efficient and economical version, without display or keys setting
88974024 ETC2-88974024 Datasheet
137Kb / 5P
   Efficient and economical version, without display or keys setting
88974026 ETC2-88974026 Datasheet
137Kb / 5P
   Efficient and economical version, without display or keys setting
88974023 ETC2-88974023 Datasheet
137Kb / 5P
   Efficient and economical version, without display or keys setting
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com