Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7551CU Datasheet(PDF) 6 Page - Elantec Semiconductor

Part # EL7551CU
Description  Monolithic 1 Amp DC:DC Step-down Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7551CU Datasheet(HTML) 6 Page - Elantec Semiconductor

Back Button EL7551CU Datasheet HTML 2Page - Elantec Semiconductor EL7551CU Datasheet HTML 3Page - Elantec Semiconductor EL7551CU Datasheet HTML 4Page - Elantec Semiconductor EL7551CU Datasheet HTML 5Page - Elantec Semiconductor EL7551CU Datasheet HTML 6Page - Elantec Semiconductor EL7551CU Datasheet HTML 7Page - Elantec Semiconductor EL7551CU Datasheet HTML 8Page - Elantec Semiconductor EL7551CU Datasheet HTML 9Page - Elantec Semiconductor EL7551CU Datasheet HTML 10Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
EL7551C - Preliminary
Monolithic 1 Amp DC:DC Step-down Regulator
Typical Performance Curves
Releasing EN
VIN=5V, VO=3.8V, IO=1A
Shut-Down
VIN=5V, VO=3.8V, IO=1A
Short-Circuit Protection
VIN=5V
VIN
VO
EN
VO
iO
VO
Power-Down
VIN=5V, VO=3.8V, IO=1A
VIN
VO


Similar Part No. - EL7551CU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7551CU INTERSIL-EL7551CU Datasheet
149Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7551CU RENESAS-EL7551CU Datasheet
493Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7551CU-T13 INTERSIL-EL7551CU-T13 Datasheet
149Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
EL7551CU-T13 INTERSIL-EL7551CU-T13 Datasheet
173Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7551CU-T13 RENESAS-EL7551CU-T13 Datasheet
493Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
More results

Similar Description - EL7551CU

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7563 INTERSIL-EL7563 Datasheet
635Kb / 16P
   Monolithic 4 Amp DC:DC Step-Down Regulator
logo
Elantec Semiconductor
EL7563C ELANTEC-EL7563C Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
EL7562C ELANTEC-EL7562C Datasheet
241Kb / 10P
   Monolithic 2 Amp DC:DC Step-down Regulator
EL7564C ELANTEC-EL7564C Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7551 INTERSIL-EL7551_06 Datasheet
173Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7551 RENESAS-EL7551 Datasheet
493Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7551 INTERSIL-EL7551 Datasheet
149Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com