Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7556BCM-T13 Datasheet(PDF) 2 Page - Elantec Semiconductor

Part # EL7556BCM-T13
Description  Integrated Adjustable 6 Amp Synchronous Switcher
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7556BCM-T13 Datasheet(HTML) 2 Page - Elantec Semiconductor

  EL7556BCM-T13 Datasheet HTML 1Page - Elantec Semiconductor EL7556BCM-T13 Datasheet HTML 2Page - Elantec Semiconductor EL7556BCM-T13 Datasheet HTML 3Page - Elantec Semiconductor EL7556BCM-T13 Datasheet HTML 4Page - Elantec Semiconductor EL7556BCM-T13 Datasheet HTML 5Page - Elantec Semiconductor EL7556BCM-T13 Datasheet HTML 6Page - Elantec Semiconductor EL7556BCM-T13 Datasheet HTML 7Page - Elantec Semiconductor EL7556BCM-T13 Datasheet HTML 8Page - Elantec Semiconductor EL7556BCM-T13 Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
EL7556BC
Integrated Adjustable 6 Amp Synchronous Switcher
Absolute Maximum Ratings (T
A = 25°C)
Storage Temperature Range
-65°C to +150°C
Supply (VIN)
6.0V
Ambient Operating Temperature
-40°C to +85°C
Output Pins
-0.3V below GND, +0.3V above VDD
Operating Junction Temperature
135°C
Peak Output Current
9A
Electrical Characteristics
VDD = VIN = 5V, COSC = 1nF, CSLOPE = 470pF, TA = 25°C unless otherwise specified.
Parameter
Description
Conditions
Min
Typ
Max
Unit
General
IDD
VDD Supply Current
OUTEN = 4V, FOSC = 120kHz
11
25
mA
IDDOFF
VDD Standby Current
OUTEN = 0
0.1
mA
IVIN
VIN No Load Current
OUTEN = 0
3
5
mA
VOUT1
Output Initial Accuracy
VCC2DET = 4V, IL = 3A (See Fig. 1)
3.450
3.500
3.550
V
VOUT2
Output Initial Accuracy
VCC2DET = 0V, IL = 3A R3 = 150Ω, R4 =
100
Ω (See Fig. 1)
2.450
2.500
2.550
V
VOUTLINE
Output line Regulation
VDD = 5V, ±10%
-1
1
%
VOUTLOAD
Output Load Regulation
0A<ILOAD<6A, Relative to IL = 3A. Continu-
ous Mode of Operation (See Fig.1)
-1
1
%
RSHORT
Short Circuit Load Resistance
IL = 6A, Prior to Continuous Application of
RSHORT. OUTEN Connected to OT.
100
m
II MAX
Current Limit
9
A
VOUTTC
Output Tempco
-40°C<TA<85°C
±1
%
TOT
Over Temperature Threshold
135
°C
THYS
Over Temperature Hysteresis
40
°C
VPWRGD
Power Good Threshold Relative to Programmed
Output Voltage
VCC2SEL = 4V, VOUT = 3.50V
±6
±10
±14
%
VDDOFF
Minimum VDD for Shutdown
3.15
V
VDDON
Maximum VDD for Startup
4.15
V
VHYS
Input Hysteresis
VHYS = VDDON-VDDOFF
0.5
V
MSS
Soft start slope
7
V/mS
DMAX
Maximum duty cycle
96
%
Controller - Inputs
IPUP
VCC2DET, OUTEN Pull Up Current
VCC2DET, OUTEN = 0
10
14
18
µA
ICSLOPE
Cslope Charging Current
23
28.5
34
µA
IFB1
FB1 Input Pull Up Current
2
µA
ROT
Over Temperature Pull Up Resistance
OT = 0V
30
40
50
k
VIH
VCC2DET, OUTEN Input High
4
V
VIL
VCC2DET, OUTEN Input Low
0.8
V
VOH PWGD
Powergood Drive High
ILOAD = 1mA
3.5
V
VOL PWGD
Powergood Drive Low
ILOAD = -1mA
1.0
V
Controller - Reference
VREF
Reference Accuracy
IREF = 0
1.247
1.260
1.273
V
VREFTC
Reference Voltage Tempco
50
ppm/ºC
VREFLOAD
Reference Load Regulation
0<ILOAD<100µA
0.5
0.5
%/ºC
Important Note:
All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are at the
specified temperature and are pulsed tests, therefore: TJ = TC = TA.


Similar Part No. - EL7556BCM-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7556BCM-T13 INTERSIL-EL7556BCM-T13 Datasheet
199Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
More results

Similar Description - EL7556BCM-T13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
EL7556D RENESAS-EL7556D Datasheet
526Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
logo
Intersil Corporation
EL7556B INTERSIL-EL7556B Datasheet
199Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
EL7556D INTERSIL-EL7556D Datasheet
243Kb / 11P
   Integrated Adjustable 6 Amp Synchronous Switcher
logo
Elantec Semiconductor
EL7558BC ELANTEC-EL7558BC Datasheet
351Kb / 13P
   Integrated Adjustable 8 Amp Synchronous Switcher
logo
Intersil Corporation
EL7558B INTERSIL-EL7558B Datasheet
209Kb / 11P
   Integrated Adjustable 8 Amp Synchronous Switcher
EL7558D INTERSIL-EL7558D Datasheet
209Kb / 11P
   Integrated Adjustable 8 Amp Synchronous Switcher
logo
Murata Manufacturing Co...
MPDTH03050WAH MURATA-MPDTH03050WAH Datasheet
136Kb / 6P
   Adjustable Non-isolated 6-Amp
logo
Texas Instruments
TPS54673 TI1-TPS54673_16 Datasheet
671Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH INTEGRATED FETs
PT6600 TI-PT6600 Datasheet
242Kb / 5P
[Old version datasheet]   9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6420 TI-PT6420 Datasheet
234Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com