Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7564CM Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # EL7564CM
Description  Monolithic 4 Amp DC:DC Step-down Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7564CM Datasheet(HTML) 3 Page - Elantec Semiconductor

  EL7564CM Datasheet HTML 1Page - Elantec Semiconductor EL7564CM Datasheet HTML 2Page - Elantec Semiconductor EL7564CM Datasheet HTML 3Page - Elantec Semiconductor EL7564CM Datasheet HTML 4Page - Elantec Semiconductor EL7564CM Datasheet HTML 5Page - Elantec Semiconductor EL7564CM Datasheet HTML 6Page - Elantec Semiconductor EL7564CM Datasheet HTML 7Page - Elantec Semiconductor EL7564CM Datasheet HTML 8Page - Elantec Semiconductor EL7564CM Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
EL7564C
Monolithic 4 Amp DC:DC Step-down Regulator
Typical Application Diagrams (Continued)
Closed Loop AC Electrical Characteristics
VS = VIN = 5V, TA = TJ = 25°C, COSC = 1.2nF, unless otherwise specified.
Parameter
Description
Conditions
Min
Typ
Max
Unit
FOSC
Oscillator Initial Accuracy
105
117
130
kHz
tSYNC
Minimum Oscillator Sync Width
25
ns
MSS
Soft Start Slope
0.5
V/ms
tBRM
FET Break Before Make Delay
15
ns
tLEB
High Side FET Minimum On Time
150
ns
DMAX
Maximum Duty Cycle
95
%
EL7564CRE
(28-Pin HTSSOP)
1
2
3
4
16
15
14
13
5
6
7
12
11
9
8
10
20
19
18
17
24
23
22
21
28
27
26
25
0.22µF
22
2.2nF
VIN
5V
VOUT
3.3V,
4A
2.37k
1k
330µF
0.22µF
4.7µH
VREF
SGND
COSC
VDD
VTJ
PGND
PGND
PGND
PGND
VIN
EN
FB
PG
VDRV
VHI
LX
LX
LX
LX
LX
2.2nF
R4
C3
C2
C6
D1
L1
C7
R2
C10
R1
VIN
NC
STP
STN
LX
NC
PGND
PGND
0.1µF
390pF
C5
C4
330µF
For the package information, please refer to the Elantec website at http://www.elantec.com/pages/package_outline.html


Similar Part No. - EL7564CM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7564CM INTERSIL-EL7564CM Datasheet
644Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564CM RENESAS-EL7564CM Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7564CM-T13 INTERSIL-EL7564CM-T13 Datasheet
644Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564CM-T13 RENESAS-EL7564CM-T13 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Intersil Corporation
EL7564CMZ INTERSIL-EL7564CMZ Datasheet
644Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
More results

Similar Description - EL7564CM

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7563 INTERSIL-EL7563 Datasheet
635Kb / 16P
   Monolithic 4 Amp DC:DC Step-Down Regulator
logo
Elantec Semiconductor
EL7563C ELANTEC-EL7563C Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
EL7551C ELANTEC-EL7551C Datasheet
260Kb / 11P
   Monolithic 1 Amp DC:DC Step-down Regulator
EL7562C ELANTEC-EL7562C Datasheet
241Kb / 10P
   Monolithic 2 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7551 INTERSIL-EL7551_06 Datasheet
173Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7551 RENESAS-EL7551 Datasheet
493Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7551 INTERSIL-EL7551 Datasheet
149Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com