Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL7564CM-T13 Datasheet(PDF) 6 Page - Elantec Semiconductor

Part # EL7564CM-T13
Description  Monolithic 4 Amp DC:DC Step-down Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL7564CM-T13 Datasheet(HTML) 6 Page - Elantec Semiconductor

Back Button EL7564CM-T13 Datasheet HTML 2Page - Elantec Semiconductor EL7564CM-T13 Datasheet HTML 3Page - Elantec Semiconductor EL7564CM-T13 Datasheet HTML 4Page - Elantec Semiconductor EL7564CM-T13 Datasheet HTML 5Page - Elantec Semiconductor EL7564CM-T13 Datasheet HTML 6Page - Elantec Semiconductor EL7564CM-T13 Datasheet HTML 7Page - Elantec Semiconductor EL7564CM-T13 Datasheet HTML 8Page - Elantec Semiconductor EL7564CM-T13 Datasheet HTML 9Page - Elantec Semiconductor EL7564CM-T13 Datasheet HTML 10Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
6
EL7564C
Monolithic 4 Amp DC:DC Step-down Regulator
Typical Performance Curves
Oscillator Frequency vs Temperature
360
280
350
340
330
320
310
290
-40
80
-20
20
40
60
Temperature (°C)
0
300
IO=0A
IO=4A
Switching Frequency vs COSC
1000
100
900
800
700
500
300
200
100
1000
200
400
600
800
COSC (pF)
900
300
500
700
600
400
VTJ vs Junction Temperature
1.5
0.9
1.3
1.1
0
150
25
Junction Temperature (°C)
125
50
75
100
*
θJA vs Copper Area
(20-Pin SO Package)
50
30
46
42
38
34
1
4
1.5
2.5
3.5
PCB Copper Heat-Sinking Area (in2)
2
3
with no airflow
with 100 LFPM airflow
Switching Waveforms
VIN=5V, VO=3.3V, IO=4A
∆VIN
VLX
iL
∆VO
Chip in the center of copper area
Test Condition:
1 oz. copper PCB used
Current Limit vs TJ
8
3
7
6
5
4
-40
120
-20
40
100
TJ (°C)
0
80
60
20
VIN=4.5V
VIN=5.5V
VIN=5V
*Note: The 28-Pin HTSSOP Package Offers Improved Performance


Similar Part No. - EL7564CM-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7564CM-T13 INTERSIL-EL7564CM-T13 Datasheet
644Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564CM-T13 RENESAS-EL7564CM-T13 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
More results

Similar Description - EL7564CM-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7563 INTERSIL-EL7563 Datasheet
635Kb / 16P
   Monolithic 4 Amp DC:DC Step-Down Regulator
logo
Elantec Semiconductor
EL7563C ELANTEC-EL7563C Datasheet
1Mb / 18P
   Monolithic 4 Amp DC:DC Step-down Regulator
EL7551C ELANTEC-EL7551C Datasheet
260Kb / 11P
   Monolithic 1 Amp DC:DC Step-down Regulator
EL7562C ELANTEC-EL7562C Datasheet
241Kb / 10P
   Monolithic 2 Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7551 INTERSIL-EL7551_06 Datasheet
173Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Renesas Technology Corp
EL7551 RENESAS-EL7551 Datasheet
493Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
logo
Intersil Corporation
EL7551 INTERSIL-EL7551 Datasheet
149Kb / 9P
   Monolithic 1Amp DC:DC Step-down Regulator
EL7554 INTERSIL-EL7554_06 Datasheet
404Kb / 14P
   Monolithic 4 Amp DC-DC Step-Down Regulator
logo
Renesas Technology Corp
EL7564 RENESAS-EL7564 Datasheet
875Kb / 17P
   Monolithic 4 Amp DC/DC Step-Down Regulator
EL7563 RENESAS-EL7563 Datasheet
861Kb / 16P
   Monolithic 4 Amp DC/DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com