Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1152LUA-T2 Datasheet(PDF) 8 Page - Allegro MicroSystems

Part # A1152LUA-T2
Description  Chopper-Stabilized, Two Wire Hall-Effect Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1152LUA-T2 Datasheet(HTML) 8 Page - Allegro MicroSystems

Back Button A1152LUA-T2 Datasheet HTML 4Page - Allegro MicroSystems A1152LUA-T2 Datasheet HTML 5Page - Allegro MicroSystems A1152LUA-T2 Datasheet HTML 6Page - Allegro MicroSystems A1152LUA-T2 Datasheet HTML 7Page - Allegro MicroSystems A1152LUA-T2 Datasheet HTML 8Page - Allegro MicroSystems A1152LUA-T2 Datasheet HTML 9Page - Allegro MicroSystems A1152LUA-T2 Datasheet HTML 10Page - Allegro MicroSystems A1152LUA-T2 Datasheet HTML 11Page - Allegro MicroSystems A1152LUA-T2 Datasheet HTML 12Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
GND
A115x
VCC
V+
0.01 μF
A
GND
ECU
Package UA Only
A
RSENSE
CBYP
GND
A115x
VCC
V+
0.01 μF
A
GND
RSENSE
CBYP
Figure 2. Typical application circuits
(A) Low side sensing
(B) High side sensing
Amp
Regulator
Clock/Logic
Hall Element
Low-Pass
Filter
Chopper Stabilization Technique
When using Hall-effect technology, a limiting factor for
switchpoint accuracy is the small signal voltage developed
across the Hall element. This voltage is disproportionally small
relative to the offset that can be produced at the output of the
Hall sensor IC. This makes it difficult to process the signal while
maintaining an accurate, reliable output over the specified oper-
ating temperature and voltage ranges. Chopper stabilization is
a unique approach used to minimize Hall offset on the chip. The
patented Allegro technique, namely Dynamic Quadrature Offset
Cancellation, removes key sources of the output drift induced by
thermal and mechanical stresses. This offset reduction technique
is based on a signal modulation-demodulation process. The
undesired offset signal is separated from the magnetic field-
induced signal in the frequency domain, through modulation.
The subsequent demodulation acts as a modulation process for
the offset, causing the magnetic field-induced signal to recover
its original spectrum at base band, while the DC offset becomes
a high-frequency signal. The magnetic-sourced signal then can
pass through a low-pass filter, while the modulated DC offset is
suppressed. The chopper stabilization technique uses a 350 kHz
high frequency clock. For demodulation process, a sample and
hold technique is used, where the sampling is performed at twice
the chopper frequency. This high-frequency operation allows
a greater sampling rate, which results in higher accuracy and
faster signal-processing capability. This approach desensitizes
the chip to the effects of thermal and mechanical stresses, and
produces devices that have extremely stable quiescent Hall out-
put voltages and precise recoverability after temperature cycling.
This technique is made possible through the use of a BiCMOS
process, which allows the use of low-offset, low-noise amplifiers
in combination with high-density logic integration and sample-
and-hold circuits.
Figure 3. Chopper stabilization circuit (Dynamic Quadrature Offset Cancellation)
Chopper-Stabilized, Two Wire
Hall-Effect Switches
A1150, A1152, A1153, A1155,
A1156, A1157, and A1158
8
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com


Similar Part No. - A1152LUA-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1152LUA-T ALLEGRO-A1152LUA-T Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
More results

Similar Description - A1152LUA-T2

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1150 ALLEGRO-A1150_16 Datasheet
955Kb / 14P
   Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1150_V5 ALLEGRO-A1150_V5 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1150 ALLEGRO-A1150 Datasheet
266Kb / 12P
   Chopper-Stabilized, Two Wire Hall-Effect Switches
A1190LUA-T ALLEGRO-A1190LUA-T Datasheet
420Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119X ALLEGRO-A119X Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1193LLHLT-T ALLEGRO-A1193LLHLT-T Datasheet
389Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A119 ALLEGRO-A119 Datasheet
815Kb / 22P
   Programmable, Chopper-Stabilized, Two-Wire Hall-Effect Switches
A1190 ALLEGRO-A1190 Datasheet
387Kb / 18P
   Programmable, Chopper-Stabilized, Two Wire Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com