Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELH883B Datasheet(PDF) 3 Page - Elantec Semiconductor

Part # ELH883B
Description  Power Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

ELH883B Datasheet(HTML) 3 Page - Elantec Semiconductor

  ELH883B Datasheet HTML 1Page - Elantec Semiconductor ELH883B Datasheet HTML 2Page - Elantec Semiconductor ELH883B Datasheet HTML 3Page - Elantec Semiconductor ELH883B Datasheet HTML 4Page - Elantec Semiconductor ELH883B Datasheet HTML 5Page - Elantec Semiconductor ELH883B Datasheet HTML 6Page - Elantec Semiconductor ELH883B Datasheet HTML 7Page - Elantec Semiconductor ELH883B Datasheet HTML 8Page - Elantec Semiconductor ELH883B Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
ELH010188385089012YX
Power Operational Amplifier
DC Electrical Characteristics (Note 1) V
S
e g
15V TA e 25 C VCM e 0V
Contd
Parameter
Description
Test Conditions
ELH0101
ELH0101A
Level
Test
Units
Min
Typ
Max
Min
Typ
Max
IOS
Input Offset
250
75
I
pA
Current
TA s TMAX
250
75
I
nA
ELH0101 A
AVOL
Large Signal
VO e g10V RL e 10X
50
200
50
200
I
VmV
Voltage Gain
VO
Output Voltage
RSC e 0X AV e 1
g
117
g
125
g
117
g
125
I
V
Swing
RL e 100X (Note 3)
RSC e 0X AV e 1
g
11
g
116
g
11
g
116
I
V
RL e 10X (Note 3)
RSC e 0X AV e 1
g
105
g
11
g
105
g
11
I
V
RL e 5X (Note 3)
CMRR
Common-Mode
VIN e g10V
85
100
85
100
I
dB
Rejection Ratio
PSRR
Power Supply
g
5V s VS s g15V
85
100
85
100
I
dB
Rejection Ratio
a
5V s VS(a) s a15V
80
110
80
110
I
dB
VS(b) eb15V
b
5V t VS(b) t b15V
80
95
80
95
I
dB
VS(a) ea15V
IS
Supply Current
28
35
28
35
I
mA
AC Electrical Characteristics V
S
e g
15V TA e TC e TJ e 25 C
Parameter
Description
Test Conditions
ELH0101
ELH0101A
Level
Test
Units
Min
Typ
Max
Min
Typ
Max
en
Equivalent Input
f e 1 kHz
25
25
V
nV
0Hz
Noise Voltage
CIN
Input Capacitance
f e 1 MHz
3
3
V
pF
PBW
Power Bandwidth
RL e 10X AV e 1
300
300
V
kHz
b
3dB
SR
Slew Rate
RL e 10X AV e 1
75
10
75
10
I
V
ms
ELH0101AK
tr tf
Small Signal Rise
RL e 10X AV e 1
200
200
V
ns
or Fall Time
Small Signal
RL e 10X AV e 1
10
10
V
%
Overshoot
3


Similar Part No. - ELH883B

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
ELH883B ELANTEC-ELH883B Datasheet
190Kb / 8P
   Current Amplifier
More results

Similar Description - ELH883B

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM675 NSC-LM675 Datasheet
204Kb / 8P
   Power Operational Amplifier
logo
Cirrus Logic
PA05 CIRRUS-PA05 Datasheet
212Kb / 5P
   Power Operational Amplifier
PA08 CIRRUS-PA08 Datasheet
207Kb / 5P
   Power Operational Amplifier
PA12H CIRRUS-PA12H Datasheet
169Kb / 2P
   Power Operational Amplifier
PA96 CIRRUS-PA96 Datasheet
204Kb / 5P
   Power Operational Amplifier
PA13 CIRRUS-PA13 Datasheet
642Kb / 7P
   Power Operational Amplifier
MP108 CIRRUS-MP108 Datasheet
212Kb / 5P
   Power Operational Amplifier
MP111 CIRRUS-MP111 Datasheet
219Kb / 5P
   Power Operational Amplifier
MP240 CIRRUS-MP240_09 Datasheet
478Kb / 7P
   Power Operational Amplifier
PA86 APEX-PA86_07 Datasheet
312Kb / 5P
   POWER OPERATIONAL AMPLIFIER
PA04 CIRRUS-PA04 Datasheet
205Kb / 5P
   Power Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com