Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECQU2A333MN Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ECQU2A333MN
Description  Interference Suppression Capacitor Metallized Polyester/Polypropylene
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECQU2A333MN Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ECQU2A333MN Datasheet HTML 1Page - Panasonic Semiconductor ECQU2A333MN Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Panasonic
Plastic Film Capacitors
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Interference Suppression Capacitor
Metallized Polyester/Polypropylene
Type:
ECQUN [Class X2]
In accordance with UL/CSA and European safety
regulations class X2
sFeatures
Compact
Overvoltage stress withstanding
Flame-retardant epoxy resin coating
sRecommended Applications
Interference suppressors
s Explanation of Part Numbers
123456789
10
11
12
E
C
Q
U
2
A
Product code
Dielectric &
construction
Rated voltage
Capacitance
N
Cap. Tol. Suffix
Suffix
sApplicable Standard & Approval Number
UL
File No. E62674
Across-The-Line Capacitors
Antenna-Coupling and Line-By-Pass Components
UL 1414
SEMKO
DEMKO
NEMKO
FIMKO
VDE
SEV
Reg.No. 9542169 01
Ref.No. 304890
Ref.No. P95104265
Reg.No. 187541-01
File No. 4811. 6-4670-7092
Ref.No. 95,6 60092,01
Class X2
IEC 384-14, 1993
EN 132400
CSA
CSA C22.2 No.0,No.1 Across-the-line , antenna-isolation and line-by-pass capacitor
File No. LR35752
Withstand voltage
Between terminals : 1250 VAC 60s, 1075 VDC 60s
Between terminals to enclosure : 2000 VAC 60s
Category temp. range
Rated voltage
Capacitance range
Capacitance tolerance
Dissipation factor
Insulation resistance
– 40 to + 85˚C
250VAC
0.001 to 0.02 µF (E12)
± 10%(K), ± 20%(M)
1.0%max.(20˚C, 1kHz)
15000M
Ω min.(20˚C 100VDC 60s), 2000MΩ min.(20˚C 500VDC 60s)
When applying for the agency, please apply with not part cord but type designation and rating such as “ECQ-
UN,0.1 µF”.
sSpecifications
....
K ±10%
M ±20%
Blank
Type1
Straight
B
Type2
Crimped lead
Mar. 2005


Similar Part No. - ECQU2A333MN

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQU2A333MN PANASONIC-ECQU2A333MN Datasheet
50Kb / 2P
   Plastic Film Capacitors
ECQU2A333MN PANASONIC-ECQU2A333MN Datasheet
50Kb / 2P
   Interference Suppression Capacitor Metallized Polyester/Polypropylene
More results

Similar Description - ECQU2A333MN

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECQ-U2A104MN PANASONIC-ECQ-U2A104MN Datasheet
50Kb / 2P
   Interference Suppression Capacitor Metallized Polyester/Polypropylene
ECQ-U2A474MV PANASONIC-ECQ-U2A474MV Datasheet
248Kb / 2P
   Interference Suppression Capacitor Metallized Polyester
ECQU2A102MV PANASONIC-ECQU2A102MV Datasheet
248Kb / 2P
   Interference Suppression Capacitor Metallized Polyester
ECQ-U2A155ML PANASONIC-ECQ-U2A155ML Datasheet
71Kb / 2P
   Interference Suppression Capacitor Metallized Polyester
ECQ-U2A224MG PANASONIC-ECQ-U2A224MG Datasheet
128Kb / 2P
   Interference Suppression Capacitor Metallized Polyester
logo
NIC-Components Corp.
NPX NIC-NPX Datasheet
100Kb / 4P
   Interference Suppression Capacitor
NPXH NIC-NPXH Datasheet
451Kb / 6P
   Interference Suppression Capacitor
NPYT NIC-NPYT Datasheet
419Kb / 6P
   Interference Suppression Capacitor
logo
Panasonic Semiconductor
ECQU2A102 PANASONIC-ECQU2A102 Datasheet
83Kb / 2P
   Interference Suppression Capacitor
ECQ-U2A104MLA PANASONIC-ECQ-U2A104MLA Datasheet
71Kb / 2P
   Interference Suppression Capacitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com