Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S26P200D15Y Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S26P200D15Y
Description  Hall Effect Current Sensors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S26P200D15Y Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S26P200D15Y Datasheet HTML 1Page - List of Unclassifed Manufacturers S26P200D15Y Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Hall Effect Current Sensors S26P200D15Y
Tamura reserve the right to modify its products in order to improve them without prior notice
S26P200D15YrevC, April 2012
Issued by Module Components Div, TAMURA CORPORATION
-10
-8
-6
-4
-2
0
2
4
6
0.1
1
10
100
Frequency characteristic(kHz)
@ If=3AT(Arms)
RM=100Ω
Frequency characteristic
TA=25ºC, VCC=±15V
Specifications
Features:
 Closed Loop type
 Current or voltage output
 Conversion ratio KN = 1:2000
 Printed circuit board mounting
 Aperture
 Insulated plastic case according to
UL94V0
 UL Recognition
Parameters
Symbol
S26P200D15Y
Primary nominal current
If
200A
300A
Maximum current1 (at 85°C)
Ifmax
± 350A (at RM ≤ 5Ω)
Measuring resistance (at 85°C)
RM
0Ω ~ 26Ω (at VCC = ±12V)
0Ω ~ 56Ω (at VCC = ±15V)
0Ω ~ 4Ω (at VCC = ±12V)
2
0Ω ~ 8Ω (at VCC = ±15V)
Conversion Ratio
KN
1 : 2000
Rated output current
IO
100mA
150mA
Output current accuracy3(at If)
X
IO ± 0.4%
Offset current4(at If=0A)
IOf
≤ ± 0.2mA
Output linearity3(0A~If)
ε
L
≤ ± 0.15% (at If)
Power supply voltage1
VCC
± 12V .. ± 15V ± 5%
Consumption current
ICC
≤ ± 16mA (Output current is not included)
Response rime5
tr
≤ 1.0μs (at di/dt = 100A / μs)
Thermal drift of gain6
TcIo
≤ ± 0.01% / ºC
Thermal drift of offset current
TcIof
≤ ± 0.5mA max (at TA = – 40ºC  +85ºC)
Hysteresis error
IOH
≤ 0.3mA (@ If=0A → If → If=0A)
Insulation voltage
Vd
AC 3000V, for 1minute (sensing current 0.5mA), inside of through hole
 terminal
Insulation resistance
RIS
≥ 500MΩ (@ DC 500V) , inside of through hole
 terminal
Secondary coil resistance
RS
60Ω (at TA = 70ºC) , 65Ω (at TA = 85ºC)
Ambient operation temperature
TA
– 40ºC ~ +85ºC
Ambient storage temperature
TS
– 40ºC ~ +90ºC
Advantages:
 Excellent accuracy and linearity
 Low temperature drift
 Wide frequency bandwidth
 No insertion loss
 High Immunity to external interferences
 Optimised response time
 Current overload capability
1 Maximum current is restricted by VCC 2 If = 250A — 3 Without offset current— 4 After removal of core hysteresis— 5 Time between 90% input current
full scale and 90% of sensor output full scale — 6 Without Thermal drift of offset current
Electrical Performances
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-250 -200 -150 -100
-50
0
50
100
150
200
250
Input current (A)
Saturation characteristic(RM=20Ω)
TA=25ºC Pulsed


Similar Part No. - S26P200D15Y

ManufacturerPart #DatasheetDescription
logo
TAMURA Corporation.
S26P200D15Y TAMURA-S26P200D15Y Datasheet
203Kb / 3P
   Servo system Current-output type
More results

Similar Description - S26P200D15Y

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S21Z100D15 ETC2-S21Z100D15 Datasheet
195Kb / 3P
   Hall Effect Current Sensors
logo
Honeywell Accelerometer...
CSNE151-104 HONEYWELL-ACC-CSNE151-104 Datasheet
229Kb / 5P
   CSN Series Hall Effect Current Sensors
CSNR151-004 HONEYWELL-ACC-CSNR151-004 Datasheet
229Kb / 5P
   CSN Series Hall Effect Current Sensors
CSNK500M HONEYWELL-ACC-CSNK500M Datasheet
229Kb / 5P
   CSN Series Hall Effect Current Sensors
logo
Littelfuse
55310 LITTELFUSE-55310 Datasheet
422Kb / 3P
   Hall Effect Sensors
55140 LITTELFUSE-55140 Datasheet
498Kb / 3P
   Hall Effect Sensors
55505 LITTELFUSE-55505 Datasheet
484Kb / 2P
   Hall Effect Sensors
55085 LITTELFUSE-55085 Datasheet
480Kb / 3P
   Hall Effect Sensors
55110 LITTELFUSE-55110 Datasheet
447Kb / 3P
   Hall Effect Sensors
logo
List of Unclassifed Man...
L18P015S05 ETC2-L18P015S05 Datasheet
514Kb / 2P
   Hall Effect Current Sensors L18P S05 Series
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com