Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAGX-002731-180L00 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MAGX-002731-180L00
Description  GaN HEMT Pulsed Power Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-002731-180L00 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MAGX-002731-180L00 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAGX-002731-180L00 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAGX-002731-180L00 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAGX-002731-180L00 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAGX-002731-180L00 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAGX-002731-180L00 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
GaN HEMT Pulsed Power Transistor
2.7 - 3.1 GHz, 180W Peak, 300us Pulse, 10% Duty
MAGX-002731-180L00
Production V2
26 Oct 12
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology
Solutions is considering for development. Performance is based on target specifications, simu-
lated results, and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be avail-
able. Commitment to produce in volume is not guaranteed.
Features
 GaN depletion mode HEMT microwave transistor
 Common source configuration
 Broadband Class AB operation
 Thermally enhanced Cu/Mo/Cu package
 RoHS Compliant
 +50V Typical Operation
MTTF of 114 years (Channel Temperature < 200°C)
EAR99 Export Classification
Application
 Civilian and Military Pulsed Radar
Product Description
The MAGX-002731-180L00 is a gold metalized
matched Gallium Nitride (GaN) on Silicon
Carbide RF power transistor optimized for civilian
and military radar pulsed applications between
2700 - 3100 MHz. Using state of the art wafer
fabrication processes, these high performance
transistors provide high gain, efficiency,
bandwidth, ruggedness over a wide bandwidth
for today’s demanding application needs. The
MAGX-002731-180L00 is constructed using a
thermally enhanced Cu/Mo/Cu flanged ceramic
package which provides excellent thermal
performance. High breakdown voltages allow for
reliable and stable operation in extreme
mismatched load conditions unparalleled with
older semiconductor technologies.
Ordering Information
MAGX-002731-180L00
180W GaN Power Transistor
MAGX-002731-SB3PPR
Evaluation Fixture
Typical Peak RF Performance
Typical RF performance measured in M/A-COM RF test fixture.
Devices tested in common source Class-AB configuration as
follows: Vdd=50V, Idq=500mA (pulsed gate bias), F=2.7- 3.1
GHz, Pulse Width=300ms, Duty=10%.
50V, 300us, 10%
Freq
Pin
Pout Gain Flat
Eff
Droop
(MHz) (Wpk) (Wpk) (dB) (dB)
(%)
(dB)
2700
14
193.6 11.4
- -
48.9
0.45
2800
14
208.0 11.7
- -
48.6
0.43
2900
14
199.3 11.5
- -
45.8
0.44
3000
14
199.3 11.5
- -
47.7
0.45
3100
14
185.8 11.2 0.52 47.5
0.41
50V, 500us, 10%
Freq
Pin
Pout Gain Flat
Eff
Droop
(MHz) (Wpk) (Wpk) (dB) (dB)
(%)
(dB)
2700
14
198.2 11.5
- -
50.4
0.58
2800
14
213.1 11.8
- -
49.9
0.55
2900
14
203.2 11.6
- -
46.8
0.58
3000
14
201.2 11.6
- -
48.8
0.53
3100
14
183.2 11.2 0.65 48.3
0.53


Similar Part No. - MAGX-002731-180L00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-002731-180L00 MA-COM-MAGX-002731-180L00 Datasheet
849Kb / 6P
   GaN HEMT Pulsed Power Transistor 2.7 - 3.1 GHz, 180W Peak, 300us Pulse, 10% Duty
MAGX-002731-180L00 MA-COM-MAGX-002731-180L00 Datasheet
833Kb / 9P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-002731-180L00 MA-COM-MAGX-002731-180L00_15 Datasheet
831Kb / 6P
   GaN HEMT Pulsed Power Transistor
More results

Similar Description - MAGX-002731-180L00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-002731-030L00 MA-COM-MAGX-002731-030L00_15 Datasheet
310Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-003135-030L00 MA-COM-MAGX-003135-030L00 Datasheet
908Kb / 8P
   GaN HEMT Pulsed Power Transistor
MAGX-002731-100L00 MA-COM-MAGX-002731-100L00 Datasheet
381Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-002731-030L00 MA-COM-MAGX-002731-030L00 Datasheet
310Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-002731-100L00 MA-COM-MAGX-002731-100L00_15 Datasheet
381Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-002735-040L00 MA-COM-MAGX-002735-040L00 Datasheet
307Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-002731-180L00 MA-COM-MAGX-002731-180L00_15 Datasheet
831Kb / 6P
   GaN HEMT Pulsed Power Transistor
MAGX-002735-040L00 MA-COM-MAGX-002735-040L00_15 Datasheet
307Kb / 7P
   GaN HEMT Pulsed Power Transistor
MAGX-003135-030L00 MA-COM-MAGX-003135-030L00_15 Datasheet
908Kb / 8P
   GaN HEMT Pulsed Power Transistor
MAGX-001214-500L00-V2 MA-COM-MAGX-001214-500L00-V2 Datasheet
833Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com