Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3C21P1-05S Datasheet(PDF) 7 Page - Anaren Microwave

Part # X3C21P1-05S
Description  5dB Directional Coupler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3C21P1-05S Datasheet(HTML) 7 Page - Anaren Microwave

Back Button X3C21P1-05S Datasheet HTML 3Page - Anaren Microwave X3C21P1-05S Datasheet HTML 4Page - Anaren Microwave X3C21P1-05S Datasheet HTML 5Page - Anaren Microwave X3C21P1-05S Datasheet HTML 6Page - Anaren Microwave X3C21P1-05S Datasheet HTML 7Page - Anaren Microwave X3C21P1-05S Datasheet HTML 8Page - Anaren Microwave X3C21P1-05S Datasheet HTML 9Page - Anaren Microwave X3C21P1-05S Datasheet HTML 10Page - Anaren Microwave X3C21P1-05S Datasheet HTML 11Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model X3C21P1-05S
Rev A
Notes on RF Testing and Circuit Layout
The X3C21P1-05S Surface Mount Couplers require the use of a test fixture for verification of RF performance. This
test fixture is designed to evaluate the coupler in the same environment that is recommended for installation.
Enclosed inside the test fixture, is a circuit board that is fabricated using the recommended footprint. The part being
tested is placed into the test fixture and pressure is applied to the top of the device using a pneumatic piston. A four
port Vector Network Analyzer is connected to the fixture and is used to measure the S-parameters of the part. Worst
case values for each parameter are found and compared to the specification. These worst case values are reported to
the test equipment operator along with a Pass or Fail flag. See the illustrations below.
3 dB and 5dB
Test Board
Test Board
In Fixture
Test Station


Similar Part No. - X3C21P1-05S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
X3C21P1-05S NXP-X3C21P1-05S Datasheet
438Kb / 16P
   2110–2170 MHz, 18 W AVG., 28 V AIRFAST RF POWER LDMOS TRANSISTOR
Rev. 1, 01/2022
More results

Similar Description - X3C21P1-05S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C25P1-05S ANAREN-X3C25P1-05S Datasheet
587Kb / 22P
   5dB Directional Coupler
X3C19P1-05S ANAREN-X3C19P1-05S Datasheet
1Mb / 22P
   5dB Directional Coupler
logo
American Accurate Compo...
JXMBOH-T-800-2500-5 AAC-JXMBOH-T-800-2500-5 Datasheet
202Kb / 1P
   Air Dielectric Directional Coupler (5dB, 6dB, 7dB, 10dB)
logo
RFHIC
CP261 RFHIC-CP261 Datasheet
177Kb / 3P
   Directional Coupler
logo
American Accurate Compo...
JXWBOH-T-10900-12750-10 AAC-JXWBOH-T-10900-12750-10 Datasheet
79Kb / 1P
   Directional Coupler
logo
RFHIC
CP360 RFHIC-CP360 Datasheet
154Kb / 2P
   Directional Coupler
CP361 RFHIC-CP361 Datasheet
177Kb / 3P
   Directional Coupler
logo
Merrimac Industries, In...
CSDZ-10H-1.1G MERRIMAC-CSDZ-10H-1.1G Datasheet
148Kb / 2P
   DIRECTIONAL COUPLER
CSDZ-20H-1.1G MERRIMAC-CSDZ-20H-1.1G Datasheet
149Kb / 2P
   DIRECTIONAL COUPLER
CSD-20H-2.2G MERRIMAC-CSD-20H-2.2G Datasheet
137Kb / 5P
   DIRECTIONAL COUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com