Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4119A Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 2N4119A
Description  N-Channel JFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N4119A Datasheet(HTML) 1 Page - Vishay Siliconix

  2N4119A Datasheet HTML 1Page - Vishay Siliconix 2N4119A Datasheet HTML 2Page - Vishay Siliconix 2N4119A Datasheet HTML 3Page - Vishay Siliconix 2N4119A Datasheet HTML 4Page - Vishay Siliconix 2N4119A Datasheet HTML 5Page - Vishay Siliconix 2N4119A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
2N/PN/SST4117A Series
Vishay Siliconix
Document Number: 70239
S-41231—Rev. G, 28-Jun-04
www.vishay.com
1
N-Channel JFETs
2N4117A
PN4117A SST4117
2N4118A
PN4118A SST4118
2N4119A
PN4119A SST4119
PRODUCT SUMMARY
Part Number
VGS(off) (V)
V(BR)GSS Min (V)
gfs Min (mS)
IDSS Min (mA)
4117
−0.6 to −1.8
−40
70
30
4118
−1 to −3
40
80
80
4119
−2 to −6
−40
100
200
FEATURES
BENEFITS
APPLICATIONS
D Ultra-Low Leakage: 0.2 pA
D Very Low Current/Voltage Operation
D Ultrahigh Input Impedance
D Low Noise
D Insignificant Signal Loss/Error Voltage
with High-Impedance Source
D Low Power Consumption (Battery)
D Maximum Signal Output, Low Noise
D High Sensitivity to Low-Level Signals
D High-Impedance Transducer
Amplifiers
D Smoke Detector Input
D Infrared Detector Amplifier
D Precision Test Equipment
DESCRIPTION
The 2N/PN/SST4117A series of n-channel JFETs provide
ultra-high input impedance. These devices are specified with
a 1-pA limit and typically operate at 0.2 pA. This makes them
perfect choices for use as high-impedance sensitive front-end
amplifiers.
The hermetically sealed TO-206AF package allows full
military
processing
per
MIL-S-19500
(see
Military
Information). The TO-226A (TO-92) plastic package provides
a low-cost option. The TO-236 (SOT-23) package provides
surface-mount capability. Both the PN and SST series are
available in tape-and-reel for automated assembly (see
Packaging Information).
G
S
TO-206AF
(TO-72)
D
Top View
2N4117A
2N4118A
2N4119A
C
1
23
4
D
G
Top View
PN4117A
PN4118A
PN4119A
TO-226AA
(TO-92)
S
1
2
3
D
S
G
TO-236
(SOT-23)
2
3
1
Top View
SST4117 (T7)*
SST4118 (T8)*
SST4119 (T9)*
*Marking Code for TO-236
For applications information see AN105.


Similar Part No. - 2N4119A

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
2N4119A CALOGIC-2N4119A Datasheet
21Kb / 1P
   N-Channel JFET General Purpose Amplifier
logo
Linear Integrated Syste...
2N4119A LINEAR-2N4119A Datasheet
14Kb / 1P
   ULTRA-HIGH INPUT IMPEDANCE N-CHANNEL JFET
logo
Vishay Siliconix
2N4119A VISHAY-2N4119A Datasheet
61Kb / 5P
   N-Channel JFETs
Rev. G, 28-Jun-04
logo
RHOPOINT COMPONENTS
2N4119A RHOPOINT-2N4119A Datasheet
363Kb / 17P
   N-Channel Silicon Junction Field-Effect Transistor
logo
New Jersey Semi-Conduct...
2N4119A NJSEMI-2N4119A Datasheet
173Kb / 1P
   N-CHANNEL SILICON JUNCTION FIELD-EFFECT TRANSISTORS
More results

Similar Description - 2N4119A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
   N-Channel JFETs
Rev. D, 04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
   N-Channel JFETs
Rev. G, 24-Jan-05
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
   N-Channel JFETs
18-Jul-08
logo
New Jersey Semi-Conduct...
2N3819 NJSEMI-2N3819 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
2N4338 NJSEMI-2N4338 Datasheet
366Kb / 3P
   N-CHANNEL JFETS
logo
Vishay Siliconix
SST310-T1-E3 VISHAY-SST310-T1-E3 Datasheet
102Kb / 8P
   N-Channel JFETs
Rev. H, 24-Jan-05
SST201-T1-E3 VISHAY-SST201-T1-E3 Datasheet
83Kb / 6P
   N-Channel JFETs
Rev. G, 15-Mar-04
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com