Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STB57N65M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STB57N65M5
Description  N-channel 650 V, 0.056 typ., 42 A MDmesh V Power MOSFET
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB57N65M5 Datasheet(HTML) 1 Page - STMicroelectronics

  STB57N65M5 Datasheet HTML 1Page - STMicroelectronics STB57N65M5 Datasheet HTML 2Page - STMicroelectronics STB57N65M5 Datasheet HTML 3Page - STMicroelectronics STB57N65M5 Datasheet HTML 4Page - STMicroelectronics STB57N65M5 Datasheet HTML 5Page - STMicroelectronics STB57N65M5 Datasheet HTML 6Page - STMicroelectronics STB57N65M5 Datasheet HTML 7Page - STMicroelectronics STB57N65M5 Datasheet HTML 8Page - STMicroelectronics STB57N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is information on a product in full production.
December 2012
Doc ID 022849 Rev 4
1/22
22
STB57N65M5, STF57N65M5, STI57N65M5,
STP57N65M5
N-channel 650 V, 0.056
Ω typ., 42 A MDmesh™ V Power MOSFET
in I²PAK, TO-220, TO-220FP and D²PAK packages
Datasheet — production data
Features
Worldwide best RDS(on)*area amongst the
silicon based devices
Higher VDSS rating, high dv/dt capability
Excellent switching performance
Easy to drive, 100% avalanche tested
Applications
Switching applications
Description
These devices are N-channel MDmesh™ V
Power MOSFETs based on an innovative
proprietary vertical process technology, which is
combined with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
Figure 1.
Internal schematic diagram
Order codes
VDSS @
TJmax
RDS(on)
max
ID
STB57N65M5
STF57N65M5
STI57N65M5
STP57N65M5
710 V
< 0.063
Ω
42 A
1
2
3
TO-220FP
D²PAK
TO-220
I²PAK
1
3
TAB
1
2
3
TAB
1
2
3
TAB
Table 1.
Device summary
Order codes
Marking
Packages
Packaging
STB57N65M5
STF57N65M5
STI57N65M5
STP57N65M5
57N65M5
D²PAK
TO-220FP
I²PAK
TO-220
Tape and reel
Tube
Tube
Tube
www.st.com


Similar Part No. - STB57N65M5

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
STB57N65M5 ISC-STB57N65M5 Datasheet
263Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - STB57N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW57N65M5-4 STMICROELECTRONICS-STW57N65M5-4 Datasheet
1Mb / 14P
   N-channel 650 V, 0.056 廓 typ., 42 A, MDmesh??V Power MOSFET in a TO247-4 package
STW57N65M5 STMICROELECTRONICS-STW57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 廓 typ., 42 A MDmesh??V Power MOSFET in I짼PAK, TO-220, TO-220FP and D짼PAK packages
STF57N65M5 STMICROELECTRONICS-STF57N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.056 廓 typ., 42 A MDmesh??V Power MOSFET in I짼PAK, TO-220, TO-220FP and D짼PAK packages
STB45N65M5 STMICROELECTRONICS-STB45N65M5 Datasheet
1Mb / 20P
   N-channel 650 V, 0.067 ohm typ., 35 A MDmesh V Power MOSFET
STF15N65M5 STMICROELECTRONICS-STF15N65M5 Datasheet
925Kb / 17P
   N-channel 650 V, 0.308 ohm typ., 11 A MDmesh V Power MOSFET
STW57N65M5 STMICROELECTRONICS-STW57N65M5_V01 Datasheet
1,021Kb / 17P
   N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™ V Power MOSFETs in TO-247 and TO-247 long leads packages
December 2013
STF11NM65N STMICROELECTRONICS-STF11NM65N Datasheet
1Mb / 21P
   N-channel 650 V, 0.425 ohm typ., 11 A MDmesh ll Power MOSFET
STB20N65M5 STMICROELECTRONICS-STB20N65M5 Datasheet
1Mb / 21P
   N-channel 650 V, 0.160 typ., 18 A MDmesh V Power MOSFET in D2PAK, I2PAK
STB38N65M5 STMICROELECTRONICS-STB38N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.073, 30 A MDmesh V Power MOSFET
STY139N65M5 STMICROELECTRONICS-STY139N65M5 Datasheet
971Kb / 13P
   N-channel 650 V, 0.014 廓 typ., 130 A, MDmesh??V Power MOSFET in Max247 package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com