Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2N4391 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 2N4391
Description  N-Channel JFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2N4391 Datasheet(HTML) 2 Page - Vishay Siliconix

  2N4391 Datasheet HTML 1Page - Vishay Siliconix 2N4391 Datasheet HTML 2Page - Vishay Siliconix 2N4391 Datasheet HTML 3Page - Vishay Siliconix 2N4391 Datasheet HTML 4Page - Vishay Siliconix 2N4391 Datasheet HTML 5Page - Vishay Siliconix 2N4391 Datasheet HTML 6Page - Vishay Siliconix 2N4391 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2N/PN/SST4391 Series
Vishay Siliconix
www.vishay.com
7-2
Document Number: 70241
S-04028—Rev. F, 04-Jan-01
ABSOLUTE MAXIMUM RATINGS
Gate-Drain, Gate-Source Voltage:
(2N/PN Prefixes)
–40 V
. . . . . . . . . . . . . . . . . . .
(SST Prefix)
–35 V
. . . . . . . . . . . . . . . . . . . . . . .
Gate Current
50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature
300
_C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature :
(2N Prefix)
–65 to 200
_C
. . . . . . . . . . . . . . . . . .
(PN/SST Prefixes)
–55 to 150
_C
. . . . . . . . . . .
Operating Junction Temperature :
(2N Prefix)
–55 to 200
_C
. . . . . . . . . . . . . . . . . .
(PN/SST Prefixes)
–55 to 150
_C
. . . . . . . . . . .
Power Dissipation :
(2N Prefix)a
(TC = 25_C) 1800 mW
. . . . . . . . . .
(PN/SST Prefixes)b
350 mW
. . . . . . . . . . . . . . .
Notes
a.
Derate 10 mW/
_C above 25_C
b.
Derate 2.8 mW/
_C above 25_C
SPECIFICATIONS (TA = 25_C UNLESS OTHERWISE NOTED)
Limits
4391
4392
4393
Parameter
Symbol
Test Conditions
Typa
Min
Max
Min
Max
Min
Max
Unit
Static
Gate-Source
Breakdown Voltage
V(BR)GSS
IG = –1 mA, VDS = 0 V
–55
–40
–40
–40
Gate-Source
VDS = 20 V
2N/PN: ID = 1 nA
V
Gate-Source
Cutoff Voltage
VGS(off)
VDS = 15 V
SST: ID = 10 nA
–4
–10
–2
–5
–0.5
–3
2N
50
150
25
75
5
30
Saturation Drain
Currentb
IDSS
VDS = 20 V, VGS = 0 V
PN
50
150
25
100
5
60
mA
Currentb
DSS
DS
GS
SST
50
25
5
VGS = –20 V
2N/SST
–5
–100
–100
–100
VGS = –20 V
VDS = 0 V
PN
–5
–1000
–1000
–1000
pA
Gate Reverse Current
IGSS
2N: TA = 150_C
–13
–200
–200
–200
GSS
PN: TA = 100_C
–1
–200
–200
–200
nA
SST: TA = 125_C
–3
Gate Operating Current
IG
VDG = 15 V, ID = 10 mA
–5
2N: VGS = –5 V
5
100
2N: VGS = –7 V
5
100
pA
2N: VGS = –12 V
5
100
VDS = 20 V
PN: VGS = –5 V
0.005
1
PN: VGS = –7 V
0.005
1
nA
PN: VGS = –12 V
0.005
1
SST VDS = 10 V, VGS = –10 V
5
100
100
100
pA
Drain Cutoff Current
ID(off)
2N: VGS = –5 V
13
200
VDS = 20 V
T = 150
_C
2N: VGS = –7 V
13
200
TA = 150_C
2N: VGS = –12 V
13
200
PN: VGS = –5 V
1
200
nA
VDS = 20 V
T = 100
_C
PN: VGS = –7 V
1
200
nA
TA = 100_C
PN: VGS = –12 V
1
200
VDS = 10 V
TA = 125_C
SST: VGS = –10 V
3
ID = 3 mA
0.25
0.4
Drain-Source
On-Voltage
VDS(on)
VGS = 0 V
ID = 6 mA
0.3
0.4
V
On-Voltage
DS(on)
GS
ID = 12 mA
0.35
0.4
Drain-Source
On-Resistance
rDS(on)
VGS = 0 V, ID = 1 mA
30
60
100
W
Gate-Source
IG = 1 mA
2N
0.7
1
1
1
Gate-Source
Forward Voltage
VGS(F)
IG = 1 mA
VDS = 0 V
PN/SST
0.7
V


Similar Part No. - 2N4391

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N4391 SEME-LAB-2N4391 Datasheet
13Kb / 2P
   JFET SWITCHING N CHANNEL- DEPLETION
logo
Micross Components
2N4391 MICROSS-2N4391 Datasheet
299Kb / 1P
   Linear Systems replaces discontinued Siliconix
logo
Calogic, LLC
2N4391 CALOGIC-2N4391 Datasheet
29Kb / 2P
   N-Channel JFET Switch
logo
Central Semiconductor C...
2N4391 CENTRAL-2N4391 Datasheet
536Kb / 2P
   N-CHANNEL SILICON JFET
logo
Linear Integrated Syste...
2N4391 LINEAR-2N4391 Datasheet
449Kb / 3P
   SINGLE N-CHANNEL JFET SWITCH
More results

Similar Description - 2N4391

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
2N5432 VISHAY-2N5432 Datasheet
44Kb / 5P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N4338 VISHAY-2N4338 Datasheet
56Kb / 6P
   N-Channel JFETs
Rev. E, 04-Jun-01
2N4416 VISHAY-2N4416 Datasheet
103Kb / 7P
   N-Channel JFETs
Rev. H, 24-Jan-05
J107-E3 VISHAY-J107-E3 Datasheet
64Kb / 6P
   N-Channel JFETs
Rev. D, 04-Jun-01
SST4416-E3 VISHAY-SST4416-E3 Datasheet
57Kb / 7P
   N-Channel JFETs
Rev. F, 04-Jun-01
2N5484 VISHAY-2N5484_07 Datasheet
108Kb / 8P
   N-Channel JFETs
Rev. G, 24-Jan-05
SST4117A VISHAY-SST4117A Datasheet
74Kb / 6P
   N-Channel JFETs
18-Jul-08
logo
New Jersey Semi-Conduct...
2N3819 NJSEMI-2N3819 Datasheet
145Kb / 1P
   N-CHANNEL JFETS
2N4338 NJSEMI-2N4338 Datasheet
366Kb / 3P
   N-CHANNEL JFETS
logo
Vishay Siliconix
SST310-T1-E3 VISHAY-SST310-T1-E3 Datasheet
102Kb / 8P
   N-Channel JFETs
Rev. H, 24-Jan-05
SST201-T1-E3 VISHAY-SST201-T1-E3 Datasheet
83Kb / 6P
   N-Channel JFETs
Rev. G, 15-Mar-04
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com