Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC1500A-20S Datasheet(PDF) 9 Page - Anaren Microwave

Part # XC1500A-20S
Description  20dB Directional Coupler
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC1500A-20S Datasheet(HTML) 9 Page - Anaren Microwave

Back Button XC1500A-20S_14 Datasheet HTML 5Page - Anaren Microwave XC1500A-20S_14 Datasheet HTML 6Page - Anaren Microwave XC1500A-20S_14 Datasheet HTML 7Page - Anaren Microwave XC1500A-20S_14 Datasheet HTML 8Page - Anaren Microwave XC1500A-20S_14 Datasheet HTML 9Page - Anaren Microwave XC1500A-20S_14 Datasheet HTML 10Page - Anaren Microwave XC1500A-20S_14 Datasheet HTML 11Page - Anaren Microwave XC1500A-20S_14 Datasheet HTML 12Page - Anaren Microwave XC1500A-20S_14 Datasheet HTML 13Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
XC1500A-20S
Rev B
the interface pad will have less capacitive reactance than the Anaren test board. In this case, a wider section of line
before the interface pad (or a larger interface pad) will introduce a shunt capacitance and when properly tuned will
match the performance of the Anaren test board.
Notice that the board layout for the 3dB and 5dB couplers is different from that of the 10dB and 20dB couplers. The
test board for the 3dB and 5dB couplers has all four traces interfacing with the coupler at the same angle. The test
board for the 10dB and 20dB couplers has two traces approaching at one angle and the other two traces at a different
angle. The entry angle of the traces has a significant impact on the RF performance and these parts have
been optimized for the layout used on the test boards shown below.
54606-0003
Rev.B w=66.0
10 & 20dB Test Board
Testing Sample Parts Supplied on Anaren Test Boards
If you have received a coupler installed on an Anaren produced microstrip test board, please remember to remove the
loss of the test board from the measured data. The loss is small enough that it is not of concern for Return Loss and
Isolation/Directivity, but it should certainly be considered when measuring coupling and calculating the insertion loss
of the coupler. An S-parameter file for a “Thru” board (see description of “Thru” board above) will be supplied upon
request. As a first order approximation, one should consider the following loss estimates:
Frequency Band
Avg. Ins. Loss of Test Board @ 25
C
410 – 500 MHz
~ 0.4dB
800 – 1000 MHz
~0.06dB
1700 – 2300 MHz
~0.14dB
2300 – 2700 MHz
~0.155dB
3300 – 3800 MHz
~0.20dB
For example, a 1900MHz, 10dB coupler on a test board may measure –10.30dB from input to the coupled port at
some frequency, F1. When the loss of the test board is removed, the coupling at F1 becomes -10.18dB (-10.30dB +
0.12dB). This compensation must be made to both the coupled and direct path measurements when calculating
insertion loss.
The loss estimates in the table above come from room temperature measurements. It is important to note that the
loss of the test board will change with temperature. This fact must be considered if the coupler is to be evaluated at
other temperatures.


Similar Part No. - XC1500A-20S_14

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC1500A-20S ANAREN-XC1500A-20S Datasheet
126Kb / 2P
   20dB Directional Coupler
More results

Similar Description - XC1500A-20S_14

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC3500P-20S ANAREN-XC3500P-20S Datasheet
608Kb / 22P
   20dB Directional Coupler
X3C30F1-20S ANAREN-X3C30F1-20S Datasheet
1Mb / 18P
   Directional Coupler 20dB
XC3500M-20S ANAREN-XC3500M-20S_09 Datasheet
563Kb / 23P
   20dB Directional Coupler
XC1500A-20S ANAREN-XC1500A-20S Datasheet
126Kb / 2P
   20dB Directional Coupler
XC3500M-20S ANAREN-XC3500M-20S Datasheet
633Kb / 21P
   20dB Directional Coupler
XC2500P-20S ANAREN-XC2500P-20S Datasheet
128Kb / 2P
   20dB Directional Coupler
JP520S ANAREN-JP520S_14 Datasheet
504Kb / 5P
   Pico Xinger 20dB Directional Coupler
logo
Soshin electric Co., Lt...
ARP-4170400-D1 SOSHIN-ARP-4170400-D1 Datasheet
290Kb / 3P
   20dB Directional Coupler 1400-2700MHz
logo
Anaren Microwave
1P620 ANAREN-1P620_10 Datasheet
333Kb / 10P
   Pico Xinger 20dB Directional Coupler
1P520S ANAREN-1P520S Datasheet
503Kb / 4P
   Pico Xinger 20dB Directional Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com