Electronic Components Datasheet Search |
|
HCPL0611 Datasheet(PDF) 4 Page - Fairchild Semiconductor |
|
HCPL0611 Datasheet(HTML) 4 Page - Fairchild Semiconductor |
4 / 18 page ©2006 Fairchild Semiconductor Corporation www.fairchildsemi.com HCPL06XX Rev. 1.0.9 4 Electrical Characteristics (T A = -40°C to +85°C unless otherwise specified.) Individual Component Characteristics Switching Characteristics (TA = -40°C to +85°C, VCC = 5 V, IF = 7.5 mA unless otherwise specified.) Symbol Parameter Test Conditions Min. Typ.* Max. Unit EMITTER VF Input Forward Voltage IF = 10mA 1.8 V TA = 25°C 1.75 BVR Input Reverse Breakdown Voltage IR = 10µA 5.0 V ΔVF/ΔTA Input Diode Temperature Coefficient IF = 10mA -1.5 mV/°C DETECTOR ICCH High Level Supply Current IF = 0mA, VE = 0.5 V VCC = 5.5V Single Channel 10 mA Dual Channel 15 ICCL Low Level Supply Current IF = 10mA, VE = 0.5 V VCC = 5.5V Single Channel 13 mA Dual Channel 21 IEL Low Level Enable Current VCC = 5.5V, VE = 0.5V Single Channel -1.6 mA IEH High Level Enable Current VCC = 5.5V, VE = 2.0V Single Channel -1.6 mA VEH High Level Enable Voltage VCC = 5.5V, IF = 10mA Single Channel 2.0 V VEL Low Level Enable Voltage VCC = 5.5V, IF = 10mA (2) Single Channel 0.8 V Symbol AC Characteristics Test Conditions Device Min. Typ. Max. Unit TPLH Propagation Delay Time to Output High Level RL = 350Ω, CL = 15pF (3) TA = 25°C All 20 75 ns (Fig. 20) 100 TPHL Propagation Delay Time to Output Low Level RL = 350Ω, CL = 15pF (4) TA = 25°C All 25 75 ns (Fig. 20) 100 |TPHL-TPLH| Pulse Width Distortion RL = 350Ω, CL = 15pF (Fig. 20) All 35 ns tr Output Rise Time (10-90%) RL = 350Ω, CL = 15pF (5) (Fig. 20) Single Ch 50 ns Dual Ch 17 tf Output Fall Time (90-10%) RL = 350Ω, CL = 15pF (6) (Fig. 20) Single Ch 12 ns Dual Ch 5 tELH Enable Propagation Delay Time to Output High Level IF = 7.5mA, VEH = 3.5V, RL = 350Ω, CL = 15pF (7) (Fig. 21) HCPL0600 HCPL0601 HCPL0611 20 ns tEHL Enable Propagation Delay Time to Output Low Level IF = 7.5mA, VEH = 3.5V, RL = 350Ω, CL = 15 pF (8) (Fig. 21) HCPL0600 HCPL0601 HCPL0611 20 ns |CMH| Common Mode Transient Immunity (at Output High Level) RL = 350Ω, TA =25°C, IF = 0mA, VOH (Min.) = 2.0 V (9) (Fig. 22, 23) |VCM| = 10V HCPL0600 HCPL0637 5,000 V/µs |VCM| = 50V HCPL0601 HCPL0638 10,000 |VCM| = 1,000V HCPL0611 15,000 HCPL0639 25,000 |CML| Common Mode Transient Immunity (at Output Low Level) RL = 350Ω, TA =25°C, IF = 7.5mA, VOL (Max.) = 0.8 V (10) (Fig. 22, 23) |VCM| = 10V HCPL0600 HCPL0637 5,000 V/µs |VCM| = 50V HCPL0601 HCPL0638 10,000 |VCM| = 1,000V HCPL0611 15,000 HCPL0639 25,000 |
Similar Part No. - HCPL0611 |
|
Similar Description - HCPL0611 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |