Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XC3500M-20S Datasheet(PDF) 4 Page - Anaren Microwave

Part # XC3500M-20S
Description  20dB Directional Coupler
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

XC3500M-20S Datasheet(HTML) 4 Page - Anaren Microwave

  XC3500M-20S_09 Datasheet HTML 1Page - Anaren Microwave XC3500M-20S_09 Datasheet HTML 2Page - Anaren Microwave XC3500M-20S_09 Datasheet HTML 3Page - Anaren Microwave XC3500M-20S_09 Datasheet HTML 4Page - Anaren Microwave XC3500M-20S_09 Datasheet HTML 5Page - Anaren Microwave XC3500M-20S_09 Datasheet HTML 6Page - Anaren Microwave XC3500M-20S_09 Datasheet HTML 7Page - Anaren Microwave XC3500M-20S_09 Datasheet HTML 8Page - Anaren Microwave XC3500M-20S_09 Datasheet HTML 9Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
Model XC3500M-20S
Rev B
USA/Canada:
Toll Free:
Europe:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Available on Tape and
Reel for Pick and Place
Manufacturing.
Typical Performance (25°C): 3300-3800 MHz


Similar Part No. - XC3500M-20S_09

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC3500M-20S ANAREN-XC3500M-20S Datasheet
619Kb / 24P
   Hybrid Coupler 3 dB, 90째
XC3500M-20S ANAREN-XC3500M-20S Datasheet
571Kb / 22P
   20 dB Directional Coupler
XC3500M-20S ANAREN-XC3500M-20S Datasheet
633Kb / 21P
   20dB Directional Coupler
More results

Similar Description - XC3500M-20S_09

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
XC3500P-20S ANAREN-XC3500P-20S Datasheet
608Kb / 22P
   20dB Directional Coupler
X3C30F1-20S ANAREN-X3C30F1-20S Datasheet
1Mb / 18P
   Directional Coupler 20dB
XC1500A-20S ANAREN-XC1500A-20S_14 Datasheet
560Kb / 23P
   20dB Directional Coupler
XC1500A-20S ANAREN-XC1500A-20S Datasheet
126Kb / 2P
   20dB Directional Coupler
XC3500M-20S ANAREN-XC3500M-20S Datasheet
633Kb / 21P
   20dB Directional Coupler
XC2500P-20S ANAREN-XC2500P-20S Datasheet
128Kb / 2P
   20dB Directional Coupler
JP520S ANAREN-JP520S_14 Datasheet
504Kb / 5P
   Pico Xinger 20dB Directional Coupler
logo
Soshin electric Co., Lt...
ARP-4170400-D1 SOSHIN-ARP-4170400-D1 Datasheet
290Kb / 3P
   20dB Directional Coupler 1400-2700MHz
logo
Anaren Microwave
1P620 ANAREN-1P620_10 Datasheet
333Kb / 10P
   Pico Xinger 20dB Directional Coupler
1P520S ANAREN-1P520S Datasheet
503Kb / 4P
   Pico Xinger 20dB Directional Coupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com