Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22313TFU10Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL22313TFU10Z
Description  Single Digitally Controlled Potentiometer (XDCP??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22313TFU10Z Datasheet(HTML) 5 Page - Intersil Corporation

  ISL22313TFU10Z Datasheet HTML 1Page - Intersil Corporation ISL22313TFU10Z Datasheet HTML 2Page - Intersil Corporation ISL22313TFU10Z Datasheet HTML 3Page - Intersil Corporation ISL22313TFU10Z Datasheet HTML 4Page - Intersil Corporation ISL22313TFU10Z Datasheet HTML 5Page - Intersil Corporation ISL22313TFU10Z Datasheet HTML 6Page - Intersil Corporation ISL22313TFU10Z Datasheet HTML 7Page - Intersil Corporation ISL22313TFU10Z Datasheet HTML 8Page - Intersil Corporation ISL22313TFU10Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
FN6421.0
July 17, 2007
ISB
VCC Current (standby)
VCC = +5.5V, V- = -5.5V @ +85°C, I
2C
interface in standby state
0.2
1.5
µA
VCC = +5.5V, V- = -5.5V @ +125°C, I
2C
interface in standby state
12.5
µA
VCC = +2.25V, V- = -2.25V @ +85°C, I
2C
interface in standby state
0.1
1
µA
VCC = +2.25V, V- = -2.25V @ +125°C, I
2C
interface in standby state
0.5
2
µA
IV-SB
V- Current (standby)
V- = -5.5V, VCC = +5.5V @ +85°C, I
2C
interface in standby state
-2.5
-0.7
µA
V- = -5.5V, VCC = +5.5V @ +125°C, I
2C
interface in standby state
-4
-3
µA
V- = -2.25V, VCC = +2.25V @ +85°C, I
2C
interface in standby state
-1.5
-0.3
µA
V- = -2.25V, VCC = +2.25V @ +125°C, I
2C
interface in standby state
-3
-1
µA
ISD
VCC Current (shutdown)
VCC = +5.5V, V- = -5.5V @ +85°C, I
2C
interface in standby state
0.2
1.5
µA
VCC = +5.5V, V- = -5.5V @ +125°C, I
2C
interface in standby state
12.5
µA
VCC = +2.25V, V- = -2.25V @ +85°C, I
2C
interface in standby state
0.1
1
µA
VCC = +2.25V, V- = -2.25V @ +125°C, I
2C
interface in standby state
0.5
2
µA
IV-SB
V- Current (standby)
V- = -5.5V, VCC = +5.5V @ +85°C, I
2C
interface in standby state
-2.5
-0.7
µA
V- = -5.5V, VCC = +5.5V @ +125°C, I
2C
interface in standby state
-4
-3
µA
V- = -2.25V, VCC = +2.25V @ +85°C, I
2C
interface in standby state
-1.5
-0.3
µA
V- = -2.25V, VCC = +2.25V @ +125°C, I
2C
interface in standby state
-3
-1
µA
ILkgDig
Leakage current, at pins A0, A1, SDA,
and SCL
Voltage at pin from GND to VCC
-1
1
µA
tDCP
(Note 16)
DCP wiper response time
SCL falling edge of last bit of DCP data byte
to wiper new position
1.5
µs
tShdnRec
(Note 16)
DCP recall time from shutdown mode
SCL falling edge of last bit of ACR data byte
to wiper stored position and RH connection
1.5
µs
Vpor
Power-on recall voltage
Minimum VCC at which memory recall occurs
1.9
2.1
V
VCC Ramp
VCC ramp rate
0.2
V/ms
tD
Power-up delay
VCC above Vpor, to DCP Initial Value
Register recall completed, and I2C Interface
in standby state
5ms
EEPROM SPECIFICATION
EEPROM Endurance
1,000,000
Cycles
EEPROM Retention
Temperature T
≤ +55°C50
Years
tWC
(Note 17)
Non-volatile Write cycle time
12
20
ms
Operating Specifications Over the recommended operating conditions unless otherwise specified. Limits are established by
characterization. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 18)
TYP
(Note 4)
MAX
(Note 18)
UNIT
ISL22313


Similar Part No. - ISL22313TFU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
623Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
ISL22313TFU10Z INTERSIL-ISL22313TFU10Z Datasheet
620Kb / 15P
   Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
logo
Renesas Technology Corp
ISL22313TFU10Z RENESAS-ISL22313TFU10Z Datasheet
1Mb / 15P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C
August 18, 2016
More results

Similar Description - ISL22313TFU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com