Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL22313UFU10Z Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL22313UFU10Z
Description  Single Digitally Controlled Potentiometer (XDCP??
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL22313UFU10Z Datasheet(HTML) 2 Page - Intersil Corporation

  ISL22313UFU10Z Datasheet HTML 1Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 2Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 3Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 4Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 5Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 6Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 7Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 8Page - Intersil Corporation ISL22313UFU10Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
2
FN6421.0
July 17, 2007
Block Diagram
I2C
INTERFACE
VCC
RH
GND
RL
RW
SCL
SDA
A1
A0
POWER UP
INTERFACE,
CONTROL
AND
STATUS
LOGIC
NON-VOLATILE
REGISTERS
V-
WR
VOLATILE
REGISTER
AND
WIPER
CONTROL
CIRCUITRY
Pin Descriptions
MSOP PIN
SYMBOL
DESCRIPTION
1
SCL
Open drain I2C interface clock input
2
SDA
Open drain Serial data I/O for the I2C interface
3
A1
Device address input for the I2C interface
4
A0
Device address input for the I2C interface
5
V-
Negative supply pin
6
GND
Device ground pin
7
RL
“Low” terminal of DCP
8
RW
“Wiper” terminal of DCP
9
RH
“High” terminal of DCP
10
VCC
Power supply pin
ISL22313


Similar Part No. - ISL22313UFU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22313UFU10Z INTERSIL-ISL22313UFU10Z Datasheet
623Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
ISL22313UFU10Z INTERSIL-ISL22313UFU10Z Datasheet
620Kb / 15P
   Low Noise, Low Power, I2C짰 Bus, 256 Taps
July 17, 2007
logo
Renesas Technology Corp
ISL22313UFU10Z RENESAS-ISL22313UFU10Z Datasheet
1Mb / 15P
   Single Digitally Controlled Potentiometer (XDCP™) Low Noise, Low Power, I2C
August 18, 2016
More results

Similar Description - ISL22313UFU10Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X93156 INTERSIL-X93156_07 Datasheet
190Kb / 7P
   Single Digitally Controlled Potentiometer (XDCP??
ISL22316 INTERSIL-ISL22316 Datasheet
546Kb / 15P
   Single Digitally Controlled Potentiometer XDCP
X9119 INTERSIL-X9119_08 Datasheet
287Kb / 17P
   Single Digitally-Controlled (XDCP?? Potentiometer
X9279 INTERSIL-X9279_09 Datasheet
437Kb / 18P
   Single Digitally-Controlled (XDCP?? Potentiometer
logo
Xilinx, Inc
X9119 XILINX-X9119 Datasheet
125Kb / 22P
   Single Digitally-Controlled (XDCP ??) Potentiometer
logo
Intersil Corporation
X9421 INTERSIL-X9421 Datasheet
367Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Xicor Inc.
X9279 XICOR-X9279 Datasheet
398Kb / 24P
   Single Digitally-Controlled (XDCP) Potentiometer
X9421 XICOR-X9421 Datasheet
117Kb / 21P
   Single Digitally Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9429 INTERSIL-X9429_08 Datasheet
323Kb / 20P
   Single Digitally Controlled Potentiometer(XDCP??
X9271 INTERSIL-X9271_11 Datasheet
673Kb / 22P
   Single, Digitally Controlled (XDCP?? Potentiometer
ISL95810 INTERSIL-ISL95810 Datasheet
1Mb / 13P
   Single Digitally Controlled Potentiometer (XDCP)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com