Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-4532CC727XFA Datasheet(PDF) 6 Page - Elpida Memory

Part # MC-4532CC727XFA
Description  32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4532CC727XFA Datasheet(HTML) 6 Page - Elpida Memory

Back Button MC-4532CC727XFA Datasheet HTML 2Page - Elpida Memory MC-4532CC727XFA Datasheet HTML 3Page - Elpida Memory MC-4532CC727XFA Datasheet HTML 4Page - Elpida Memory MC-4532CC727XFA Datasheet HTML 5Page - Elpida Memory MC-4532CC727XFA Datasheet HTML 6Page - Elpida Memory MC-4532CC727XFA Datasheet HTML 7Page - Elpida Memory MC-4532CC727XFA Datasheet HTML 8Page - Elpida Memory MC-4532CC727XFA Datasheet HTML 9Page - Elpida Memory MC-4532CC727XFA Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
MC-4532CC727XFA
Data Sheet E0229N20 (Ver. 2.0)
DC Characteristics (Recommended Operating Conditions Unless Otherwise Noted)
-A75
Parameter
Symbol
Test condition
MIN.
MAX.
Unit
Notes
Operating current
ICC1
Burst length = 1
/CAS latency = 2
1,170
mA
1
tRC
≥ tRC(MIN.), IO = 0 mA
/CAS latency = 3
1,215
Precharge standby current in
ICC2P
CKE
≤ VIL(MAX.), tCK = 15 ns
18
mA
power down mode
ICC2PS CKE
≤ VIL(MAX.), tCK = ∞
18
Precharge standby current in
non power down mode
ICC2N
CKE
≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.),
Input signals are changed one time during
30 ns.
360
mA
ICC2NS CKE
≥ VIH(MIN.), tCK = ∞ Input
signals are stable.
144
Active standby current in
ICC3P
CKE
≤ VIL(MAX.), tCK = 15 ns
90
mA
power down mode
ICC3PS CKE
≤ VIL(MAX.), tCK = ∞
72
Active standby current in non
power down mode
ICC3N
CKE
≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.),
Input signals are changed one time during
30 ns.
540
mA
ICC3NS
CKE
≥ VIH(MIN.), tCK = ∞, Input signals are stable.
360
mA
Operating current
ICC4
tCK
≥ tCK(MIN.)
/CAS latency = 2
1,350
mA
2
(Burst mode)
IO = 0 mA
/CAS latency = 3
1,665
CBR (Auto) refresh current
ICC5
tRC
≥ tRC(MIN.)
/CAS latency = 2
2,340
mA
3
/CAS latency = 3
2,430
Self refresh current
ICC6
CKE
≤ 0.2 V
36
mA
Input leakage current
II(L)
VI = 0 to 3.6 V, All other pins not under
test = 0 V
– 18
+ 18
µA
CKE1
– 500
+500
Output leakage current
IO(L)
DOUT is disabled, VO = 0 to 3.6 V
– 3
+ 3
µA
High level output voltage
VOH
IO = – 4.0 mA
2.4
V
Low level output voltage
VOL
IO = + 4.0 mA
0.4
V
Notes 1. ICC1 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC1 is measured on condition that addresses are changed only one time during tCK (MIN.).
2. ICC4 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC4 is measured on condition that addresses are changed only one time during tCK (MIN.).
3. ICC5 is measured on condition that addresses are changed only one time during tCK (MIN.).


Similar Part No. - MC-4532CC727XFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4532CC727XF-A75 ELPIDA-MC-4532CC727XF-A75 Datasheet
172Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Similar Description - MC-4532CC727XFA

ManufacturerPart #DatasheetDescription
logo
NEC
MC-4532CC726 NEC-MC-4532CC726 Datasheet
153Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC726 ELPIDA-MC-4532CC726 Datasheet
174Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CC726XFA ELPIDA-MC-4532CC726XFA Datasheet
181Kb / 14P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC727 NEC-MC-4532CC727 Datasheet
220Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC727 ELPIDA-MC-4532CC727 Datasheet
172Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD647XFA ELPIDA-MC-4532CD647XFA Datasheet
171Kb / 14P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CD647 NEC-MC-4532CD647 Datasheet
207Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646 NEC-MC-4532CD646 Datasheet
148Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CD647 ELPIDA-MC-4532CD647 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com