Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC-4532DA727XFA Datasheet(PDF) 11 Page - Elpida Memory

Part # MC-4532DA727XFA
Description  32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4532DA727XFA Datasheet(HTML) 11 Page - Elpida Memory

Back Button MC-4532DA727XFA Datasheet HTML 6Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 7Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 8Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 9Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 10Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 11Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 12Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 13Page - Elpida Memory MC-4532DA727XFA Datasheet HTML 14Page - Elpida Memory  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Data Sheet E0279N10 (Ver. 1.0)
11
MC-4532DA727XFA
(2/2)
Byte No.
Function Described
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Notes
32
Command and address signal input
setup time
15H
0
0
0
1
0
1
0
1
1.5 ns
33
Command and address signal input hold
time
08H
0
0
0
0
1
0
0
0
0.8 ns
34
Data signal input setup time
15H
0
0
0
1
0
1
0
1
1.5 ns
35
Data signal input hold time
08H
0
0
0
0
1
0
0
0
0.8 ns
36-61
00H
0
0
0
0
0
0
0
0
62
SPD revision
02H
0
0
0
0
0
0
1
0
JEDEC 2
63
Checksum for bytes 0 - 62
-A75
E9H
1
1
1
0
1
0
0
1
64-71
Manufacture’s JEDEC ID code
72
Manufacturing location
73-90
Manufacture’s P/N
91
Revision Code
93-94
Manufacturing date
95-98
Assembly serial number
99-125
Mfg specific
126
Intel specification frequency
64H
0
1
1
0
0
1
0
0
100 MHz
127
Intel specification /CAS
-A75
85H
1
0
0
0
0
1
0
1
latency support
Timing Chart
Refer to the
µµµµPD45128441, 45128841, 45128163 Data sheet (E0031N).


Similar Part No. - MC-4532DA727XFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4532DA727XFA-A75 ELPIDA-MC-4532DA727XFA-A75 Datasheet
227Kb / 15P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results

Similar Description - MC-4532DA727XFA

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4532DA727 ELPIDA-MC-4532DA727 Datasheet
227Kb / 15P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4532DA726 NEC-MC-4532DA726 Datasheet
247Kb / 6P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4532DA726 ELPIDA-MC-4532DA726 Datasheet
185Kb / 16P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DC721 ELPIDA-MC-45D32DC721 Datasheet
196Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DA721 ELPIDA-MC-45D32DA721 Datasheet
210Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4516DA727XFA ELPIDA-MC-4516DA727XFA Datasheet
173Kb / 14P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4564EC726 NEC-MC-4564EC726 Datasheet
292Kb / 6P
   64 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4516DA726 ELPIDA-MC-4516DA726 Datasheet
176Kb / 16P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4516DA726 NEC-MC-4516DA726 Datasheet
232Kb / 6P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4516DA727 ELPIDA-MC-4516DA727 Datasheet
224Kb / 15P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com