Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAGX-000040-00500P-V2 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MAGX-000040-00500P-V2
Description  GaN Wideband 5 W CW / Pulsed Transistor in Plastic Package
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-000040-00500P-V2 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MAGX-000040-00500P-V2 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAGX-000040-00500P-V2 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAGX-000040-00500P-V2 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAGX-000040-00500P-V2 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAGX-000040-00500P-V2 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAGX-000040-00500P-V2 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAGX-000040-00500P-V2 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAGX-000040-00500P-V2 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MAGX-000040-00500P-V2 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
GaN Wideband 5 W CW / Pulsed Transistor in Plastic Package
DC - 4.0 GHz
Rev. V2
MAGX-000040-00500P
3
33
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Parameter
Absolute Max.
Input Power
30 dBm
Drain Supply Voltage, VDD
+65 V
Gate Supply Voltage, VGG
-8 V to 0 V
Supply Current, IDD
300 mA
Power Dissipation, CW (85ºC)
12 W
Power Dissipation, Pulsed Mode (85°C)
31 W
Junction Temperature7
200°C
Operating Temperature
-40°C to +95°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings 4,5,6,7,8
4. Exceeding any one or combination of these limits may cause permanent damage to this device.
5. MACOM does not recommend sustained operation near these survivability limits.
6. For saturated performance it is recommended that the sum of (3 * VDD + abs (VGG)) < 175 V.
7. Operating at nominal conditions with TJ ≤ 200°C will ensure MTTF > 1 x 10
6 hours. Junction temperature
directly affects device MTTF and should be kept as low as possible to maximize lifetime.
8. Junction Temperature (TJ) = TC + ӨJC * ((V * I) - (POUT - PIN)).
Typical CW thermal resistance (ӨJC) = 11.1°C/W.
Typical transient thermal resistance (ӨJC) = ӨJC = 4.0°C/W (1 ms pulse, 10% duty cycle).


Similar Part No. - MAGX-000040-00500P-V2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-000040-00500P MA-COM-MAGX-000040-00500P Datasheet
1,019Kb / 9P
   GaN on SiC D-Mode Transistor Technology
MAGX-000040-00500P MA-COM-MAGX-000040-00500P_15 Datasheet
1Mb / 10P
   GaN Wideband 5 W CW / Pulsed Transistor in Plastic Package
More results

Similar Description - MAGX-000040-00500P-V2

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-000040-00500P MA-COM-MAGX-000040-00500P_15 Datasheet
1Mb / 10P
   GaN Wideband 5 W CW / Pulsed Transistor in Plastic Package
MAGX-000035-01000P-V2 MA-COM-MAGX-000035-01000P-V2 Datasheet
1Mb / 10P
   GaN Wideband 10 W CW / Pulsed Transistor in Plastic Package
MAGX-000035-01000P MA-COM-MAGX-000035-01000P_15 Datasheet
1Mb / 10P
   GaN Wideband 10 W CW / Pulsed Transistor in Plastic Package
MAGX-000035-05000P MA-COM-MAGX-000035-05000P_15 Datasheet
1Mb / 9P
   GaN Wideband 50 W Pulsed Transistor in Plastic Package
MAGX-000035-01500P MA-COM-MAGX-000035-01500P Datasheet
1Mb / 10P
   GaN Wideband 15 W Pulsed Transistor in Plastic Package
MAGX-000035-01500P MA-COM-MAGX-000035-01500P_15 Datasheet
1Mb / 10P
   GaN Wideband 15 W Pulsed Transistor in Plastic Package
MAGX-000035-05000P MA-COM-MAGX-000035-05000P Datasheet
1Mb / 9P
   GaN Wideband 50 W Pulsed Transistor in Plastic Package
MAGX-000035-09000P MA-COM-MAGX-000035-09000P Datasheet
1Mb / 11P
   GaN Wideband 90 W Pulsed Transistor in Plastic Package
MAGX-000035-09000P MA-COM-MAGX-000035-09000P_15 Datasheet
1Mb / 11P
   GaN Wideband 90 W Pulsed Transistor in Plastic Package
logo
RF Micro Devices
RF3928B RFMD-RF3928B Datasheet
773Kb / 11P
   380W GaN WIDEBAND PULSED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com