Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAGX-000912-500L00 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # MAGX-000912-500L00
Description  GaN on SiC HEMT Pulsed Power Transistor
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAGX-000912-500L00 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  MAGX-000912-500L00 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAGX-000912-500L00 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAGX-000912-500L00 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAGX-000912-500L00 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAGX-000912-500L00 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAGX-000912-500L00 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAGX-000912-500L00 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
GaN on SiC HEMT Pulsed Power Transistor
500 W Peak, 960 to 1215 MHz, 128 μs Pulse, 10% Duty
Rev. V5
4
MAGX-000912-500L00
MAGX-000912-500L0S
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macomtech.com for additional data sheets and product information.
For further information and support please visit:
https://www.macomtech.com/content/customersupport
Test Fixture Circuit Dimensions
Test Fixture Assembly
Contact factory for gerber file or additional circuit information.


Similar Part No. - MAGX-000912-500L00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-000912-500L00 MA-COM-MAGX-000912-500L00 Datasheet
861Kb / 6P
   GaN on SiC Depletion-Mode Transistor Technology
MAGX-000912-500L00 MA-COM-MAGX-000912-500L00 Datasheet
665Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-000912-500L00 MA-COM-MAGX-000912-500L00_15 Datasheet
1,019Kb / 7P
   GaN on SiC HEMT Pulsed Power Transistor
More results

Similar Description - MAGX-000912-500L00

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAGX-001214-500L00-V2 MA-COM-MAGX-001214-500L00-V2 Datasheet
833Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-000035-045000 MA-COM-MAGX-000035-045000_15 Datasheet
922Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-000912-250L00 MA-COM-MAGX-000912-250L00_15 Datasheet
794Kb / 6P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-000912-500L00 MA-COM-MAGX-000912-500L00_15 Datasheet
1,019Kb / 7P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-003135-120L00 MA-COM-MAGX-003135-120L00_15 Datasheet
632Kb / 7P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-001214-500L00 MA-COM-MAGX-001214-500L00_15 Datasheet
833Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-000912-500L0X MA-COM-MAGX-000912-500L0X Datasheet
665Kb / 8P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-001090-600L0X MA-COM-MAGX-001090-600L0X Datasheet
944Kb / 9P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-002731-180L0X MA-COM-MAGX-002731-180L0X Datasheet
833Kb / 9P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-001214-250L00-PROD MA-COM-MAGX-001214-250L00-PROD Datasheet
782Kb / 6P
   GaN on SiC HEMT Pulsed Power Transistor
MAGX-003135-120L00 MA-COM-MAGX-003135-120L00 Datasheet
632Kb / 7P
   GaN on SiC HEMT Pulsed Power Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com