Selected language     English  ▼


STX0560 Datasheet(PDF) 6 Page - STMicroelectronics

Part No. STX0560
Description  High voltage fast-switching NPN power transistor
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

 6 page
background image
Electrical characteristics
STX0560
6/13
Doc ID 18336 Rev 3
Figure 14.
Reverse biased operating area
AM10024v1
0
0.2
0.4
0.8
1
1.2
0
200
400
600
800
Vce [V]
0.6
1000
hfe = 5
Vbeoff = -5 V
Rbb = 0
Ω
L=1mH
Tj 125 °C




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl