Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCH30B10-11A Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # TCH30B10-11A
Description  Scokkty Barrier Diode
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

TCH30B10-11A Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  TCH30B10-11A Datasheet HTML 1Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
30A Avg.
Volts
SBD
497
100
TCH30B10-11A
■OUTLINE DRAWING(mm)
■定格・特性曲線
■APPROX. NET WEIGHT:1.45g
■電気的・熱的特性 Electrical Characteristics
TCH30B10-11A (per Arm)
0.5
1
2
5
10
20
50
100
200
50
100
200
500
1000
JUNCTION CAPACITANCE VS. REVERSE VOLTAGE
接 合 容 量 特 性
REVERSE VOLTAGE (V)
逆 電 圧 (V)
(pF)
Tj=25°C,Vm=20mVRMS, f=100kHz, Typical Value
FIG.7
TCH30B10-11A (per Arm)
00.4
0.8
1.2
1.6
1
2
5
10
20
50
100
Tj=25˚C∞
C
Tj=150˚˚CC
C
TCH30B10-11A (per Arm)
00.4
0.8
1.2
1.6
1
2
5
10
20
50
100
Tj=25˚C
Tj=150˚C
(A)
FORWARD CURRENT VS. VOLTAGE
順 電 圧 特 性
INSTANTANEOUS FORWARD VOLTAGE (V)
瞬 時 順 電 圧 (V)
FIG.1
TCH30B10-11A (Total)
020
4060
80
100
120
0
1
2
3
4
5
6
RECT 180
SINE WAVE
TCH30B10-11A (Total)
020
4060
80
100
120
0
1
2
3
4
5
6
RECT 180˚
SINE WAVE
AVERAGE REVERSE POWER DISSIPATION
平 均 逆 電 力 損 失
REVERSE VOLTAGE (V)
逆 電 圧 (V)
(W)
FIG.4
TCH30B10-11A (Total)
025
50
75
100
125
150
0
5
10
15
20
25
30
35
SINE WAVE
RECT 180
TCH30B10-11A (Total)
025
50
75
100
125
150
0
5
10
15
20
25
30
35
SINE WAVE
RECT 180˚
AVERAGE FORWARD CURRENT VS. CASE TEMPERATURE
平 均 順 電 流 − ケ ー ス 温 度 定 格
CASE TEMPERATURE (°C)
ケ ー ス 温 度 (℃)
(A)
VRM=100V
FIG.5
TCH30B10-11A
0.02
0.05
0.1
0.2
0.5
1
2
0
20
40
60
80
100
120
140
160
TCH30B10-11A
0.02
0.05
0.1
0.2
0.5
1
2
0
20
40
60
80
100
120
140
160
0.02s
0.02s
I FSM
SURGE CURRENT RATINGS
サ ー ジ 順 電 流 定 格
f=50Hz,Sine Wave,Non-Repetitive,No Load
TIME (s)
時 間 (s)
(A)
FIG.6
05
10
15
20
25
30
35
0
5
10
15
20
25
30
35
TCH30B10-11A (Total)
SINE WAVE
RECT 180
05
10
15
20
25
30
35
0
5
10
15
20
25
30
35
TCH30B10-11A (Total)
SINE WAVE
RECT 180˚
AVERAGE FORWARD POWER DISSIPATION
平 均 順 電 力 損 失 特 性
AVERAGE FORWARD CURRENT (A)
平 均 順 電 流 (A)
(W)
FIG.2
TCH30B10-11A (per Arm)
020
4060
80
100
120
10
20
50
100
TCH30B10-11A (per Arm)
020
4060
80
100
120
10
20
50
100
PEAK REVERSE CURRENT VS. PEAK REVERSE VOLTAGE
ピーク逆電流 − ピーク逆電圧特性
Tj= 150°C
PEAK REVERSE VOLTAGE (V)
ピ ー ク 逆 電 圧 (V)
(mA)
FIG.3
■最大定格 Maximum Ratings
Item
Conditions
Min.
ピーク逆電流
Peak Reverse Current
Tj=25℃, VRM=VRRM,
一素子あたり 
Per Diode
ピーク順電圧
Peak Forward Voltage
Tj=25℃, IFM=15A,
一素子あたり 
Per Diode
熱抵抗
Thermal Resistance
接合部・ケース間
Junction to Case
Typ.
Max.
Unit
1
mA
0.96
V
1.5
℃/W
R th(j-c)
Symbol
I RM
V FM
Item
Symbol
Conditions
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
V RRM
100
平均整流電流
Average Rectified Forward Current
I O
Tc=97℃
30
実効順電流
R.M.S. Forward Current
I F(RMS)
33.3
保存温度範囲
Storage Temperature Range
T stg
−40∼+150
サージ順電流
Surge Forward Current
I FSM
150
50Hz正弦全波,1サイクル,非くり返し
50Hz Full Sine Wave,1cycle, Non-repetitive
Unit
V
50Hz、正弦全波通電抵抗負荷
50Hz Full Sine Wave Resistive Load
A
A
A
動作接合温度範囲
Operating Junction Temperature Range
T jw
−40∼+150


Similar Part No. - TCH30B10-11A

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
TCH30B10-11A NIEC-TCH30B10-11A Datasheet
153Kb / 1P
   Schottky Barrier Diode
logo
National Instruments Co...
TCH30B10-11A NI-TCH30B10-11A_15 Datasheet
153Kb / 1P
   SBD
More results

Similar Description - TCH30B10-11A

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
SA10QA06 NIEC-SA10QA06 Datasheet
366Kb / 2P
   Scokkty Barrier Diode
TCH30C10-11A NIEC-TCH30C10-11A Datasheet
158Kb / 1P
   Scokkty Barrier Diode
TCQ10A04 NIEC-TCQ10A04 Datasheet
168Kb / 1P
   Scokkty Barrier Diode
TCQ20B04 NIEC-TCQ20B04 Datasheet
139Kb / 1P
   Scokkty Barrier Diode
UCHS20A12 NIEC-UCHS20A12 Datasheet
601Kb / 2P
   Scokkty Barrier Diode
UCHS20A065 NIEC-UCHS20A065 Datasheet
581Kb / 2P
   Scokkty Barrier Diode
SA10QA03 NIEC-SA10QA03 Datasheet
1Mb / 2P
   Scokkty Barrier Diode
SA10QA04 NIEC-SA10QA04 Datasheet
376Kb / 2P
   Scokkty Barrier Diode
TCH30B10 NIEC-TCH30B10 Datasheet
144Kb / 1P
   Scokkty Barrier Diode
TCQ10A06-11A NIEC-TCQ10A06-11A Datasheet
556Kb / 1P
   Scokkty Barrier Diode
UCQ20B03 NIEC-UCQ20B03 Datasheet
592Kb / 1P
   Scokkty Barrier Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com