Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCHS20A065 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # UCHS20A065
Description  Scokkty Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

UCHS20A065 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  UCHS20A065 Datasheet HTML 1Page - Nihon Inter Electronics Corporation UCHS20A065 Datasheet HTML 2Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20A
Avg.
65Volts
Schottky Barrier Diode
DSE-13055(1/2)
UCHS20A065
構造:ショットキーバリアダイオード(SBD)
Construction : Schottky Barrier Diode
用途:高周波整流用
Application : High-Frequency Rectification
特長
Feature
薄型 SMD
Lower Profile SMD
低熱抵抗
Lower Thermal-Resistance
高電流
High Current Capability
Tj=150℃
Tj=150℃
絶対最大定格(表示無き場合
Ta=25℃) Absolute Maximum Ratings (Ta = 25 oC unless otherwise stated)
項目
Item
記号
Symbol
条件
Conditions
定格値
Rating
単位
Units
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
VRRM
65
V
平均整流電流
Average Rectified Output Current
IO
50Hz 正弦全波,抵抗負荷
Tc=120℃
VRM=30V
50H Full Sine Wave, Resistive Load
20
A
実効順電流
RMS Forward Current
IF(RMS)
22.2
A
サージ順電流
Surge Forward Current
IFSM
50Hz 正弦全波 1 サイクル 非繰り返し
50Hz Full Sine Wave,1 cycle,Non-repetitive
220
A
動作接合温度範囲
Operation Junction Temperature Range
Tjw
-40~+150
保存温度範囲
Storage Temperature Range
Tstg
-40~+150
■電気的・熱的特性 Electrical / Thermal Characteristics
項目
Item
記号
Symbol
条件
Conditions
最小値
min.
代表値
typ.
最大値
max.
単位
Units
ピーク逆電流
Peak Reverse Current
IRM
VRM=VRRM,Tj=25℃, Per diode
-
-
150
μA
ピーク順電圧
Peak Forward Voltage
VFM
IFM=10A,Tj=25℃,Per diode
-
-
0.64
V
接合容量
Junction Capacitance
Cj
f=100kHz,VR=10V,Per diode
-
270
-
pF
熱抵抗
Thermal Resistance
Rth(j-c)
接合部・ケース間
Junction to Case
-
-
2
℃/W
本資料の記載内容は製品改良などのため予告なく変更することがあります
The content specified herein is subject to change without notice.
Date of issue 2013.10.10
外形寸法図
OUTLINE DRAWING
Dimension : mm
Package : TO-263LP
Weight
: 0.59g(typ.)
Flammability : Epoxy Resin=UL94V-0 Recognized


Similar Part No. - UCHS20A065

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
UCHS20A065 NI-UCHS20A065_15 Datasheet
581Kb / 2P
   Schottky Barrier Diode
More results

Similar Description - UCHS20A065

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
SA10QA06 NIEC-SA10QA06 Datasheet
366Kb / 2P
   Scokkty Barrier Diode
TCH30C10-11A NIEC-TCH30C10-11A Datasheet
158Kb / 1P
   Scokkty Barrier Diode
TCQ10A04 NIEC-TCQ10A04 Datasheet
168Kb / 1P
   Scokkty Barrier Diode
TCQ20B04 NIEC-TCQ20B04 Datasheet
139Kb / 1P
   Scokkty Barrier Diode
UCHS20A12 NIEC-UCHS20A12 Datasheet
601Kb / 2P
   Scokkty Barrier Diode
SA10QA03 NIEC-SA10QA03 Datasheet
1Mb / 2P
   Scokkty Barrier Diode
SA10QA04 NIEC-SA10QA04 Datasheet
376Kb / 2P
   Scokkty Barrier Diode
TCH30B10 NIEC-TCH30B10 Datasheet
144Kb / 1P
   Scokkty Barrier Diode
TCQ10A06-11A NIEC-TCQ10A06-11A Datasheet
556Kb / 1P
   Scokkty Barrier Diode
UCQ20B03 NIEC-UCQ20B03 Datasheet
592Kb / 1P
   Scokkty Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com