Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZW50-27B Datasheet(PDF) 1 Page - STMicroelectronics

Part # BZW50-27B
Description  Transil?? transient voltage surge suppressor (TVS)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BZW50-27B Datasheet(HTML) 1 Page - STMicroelectronics

  BZW50-27B Datasheet HTML 1Page - STMicroelectronics BZW50-27B Datasheet HTML 2Page - STMicroelectronics BZW50-27B Datasheet HTML 3Page - STMicroelectronics BZW50-27B Datasheet HTML 4Page - STMicroelectronics BZW50-27B Datasheet HTML 5Page - STMicroelectronics BZW50-27B Datasheet HTML 6Page - STMicroelectronics BZW50-27B Datasheet HTML 7Page - STMicroelectronics BZW50-27B Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
This is information on a product in full production.
December 2012
Doc ID 2973 Rev 5
1/8
8
BZW50
Transil™, transient voltage surge suppressor (TVS)
Datasheet
production data
Features
Peak pulse power: 5000 W (10/1000 µs)
Stand-off voltage range from 10 V to 180 V
Unidirectional and bidirectional types
Low clamping factor
Fast response time
UL497B, file number: QVGQ2.E136224
Description
Transil diodes provide high overvoltage protection
by clamping action. Their instantaneous response
to transient overvoltages makes them particularly
suited to protect voltage sensitive devices such as
MOS Technology and low voltage supplied ICs.
TM:Transil is a trademarks of STMicroelectronics.
R6
www.st.com


Similar Part No. - BZW50-27B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BZW50-27B STMICROELECTRONICS-BZW50-27B Datasheet
78Kb / 5P
   TRANSILTM
logo
EIC discrete Semiconduc...
BZW50-27B EIC-BZW50-27B Datasheet
47Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
BZW50-27B STMICROELECTRONICS-BZW50-27B Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
logo
New Jersey Semi-Conduct...
BZW50-27B NJSEMI-BZW50-27B Datasheet
207Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
BZW50-27B NJSEMI-BZW50-27B Datasheet
140Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - BZW50-27B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P6KE18CARL STMICROELECTRONICS-P6KE18CARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
P6KE400ARL STMICROELECTRONICS-P6KE400ARL Datasheet
141Kb / 9P
   Transil, transient voltage surge suppressor (TVS)
P6KE440ARL STMICROELECTRONICS-P6KE440ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
BZW50-18 STMICROELECTRONICS-BZW50-18 Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
P6KE6V8ARL STMICROELECTRONICS-P6KE6V8ARL Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
P6KE300ARL STMICROELECTRONICS-P6KE300ARL Datasheet
141Kb / 9P
   transient voltage surge suppressor (TVS)
LFTVS10-1F3 STMICROELECTRONICS-LFTVS10-1F3 Datasheet
98Kb / 7P
   Transil, transient voltage suppressor
ESDA18-1F2 STMICROELECTRONICS-ESDA18-1F2_08 Datasheet
107Kb / 8P
   Transil, transient voltage suppressor
SM2T STMICROELECTRONICS-SM2T Datasheet
39Kb / 5P
   Transient Voltage Suppressor: TRANSIL ?
ESDALC5-1BT2Y STMICROELECTRONICS-ESDALC5-1BT2Y Datasheet
386Kb / 12P
   Automotive single-line low capacitance Transil?? transient surge voltage suppressor (TVS) for ESD protection
February 2014 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com