Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD488588FF Datasheet(PDF) 32 Page - Elpida Memory

Part # PD488588FF
Description  288M bits Direct Rambus DRAM for High Performance Solution
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

PD488588FF Datasheet(HTML) 32 Page - Elpida Memory

Back Button PD488588FF Datasheet HTML 28Page - Elpida Memory PD488588FF Datasheet HTML 29Page - Elpida Memory PD488588FF Datasheet HTML 30Page - Elpida Memory PD488588FF Datasheet HTML 31Page - Elpida Memory PD488588FF Datasheet HTML 32Page - Elpida Memory PD488588FF Datasheet HTML 33Page - Elpida Memory PD488588FF Datasheet HTML 34Page - Elpida Memory PD488588FF Datasheet HTML 35Page - Elpida Memory PD488588FF Datasheet HTML 36Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 79 page
background image
Data Sheet
E0251N20 (Ver. 2.0)
32
µµµµPD488588FF-C80-40
19. Control Register Transactions
The RDRAM has two CMOS input pins SCK and CMD and two CMOS input/output pins SIO0 and SIO1. These
provide serial access to a set of control registers in the RDRAM. These control registers provide configuration
information to the controller during the initialization process. They also allow an application to select the appropriate
operating mode of the RDRAM. SCK (serial clock) and CMD (command) are driven by the controller to all RDRAMs
in parallel. SIO0 and SIO1 are connected (in a daisy chain fashion) from one RDRAM to the next. In normal
operation, the data on SIO0 is repeated on SIO1, which connects to SIO0 of the next RDRAM (the data is repeated
from SIO1 to SIO0 for a read data packet). The controller connects to SIO0 of the first RDRAM.
Write and read transactions are each composed of four packets, as shown in Figure 19-1 and Figure 19-2. Each
packet consists of 16 bits, as summarized in Table 20-1 and Table 20-2. The packet bits are sampled on the falling
edge of SCK. A transaction begins with a SRQ (Serial Request) packet. This packet is framed with a 11110000
pattern on the CMD input (note that the CMD bits are sampled on both the falling edge and the rising edge of SCK).
The SRQ packet contains the SOP3..SOP0 (Serial Opcode) field, which selects the transaction type. The
SDEV5..SDEV0 (Serial Device address) selects one of the 32 RDRAMs. If SBC (Serial Broadcast) is set, then all
RDRAMs are selected. The SA (Serial Address) packet contains a 12 bit address for selecting a control register.
A write transaction has a SD (Serial Data) packet next. This contains 16 bits of data that is written into the selected
control register. A SINT (Serial Interval) packet is last, providing some delay for any side-effects to take place. A
read transaction has a SINT packet, then a SD packet. This provides delay for the selected RDRAM to access the
control register. The SD read data packet travels in the opposite direction (towards the controller) from the other
packet types. The SCK cycle time will accommodate the total delay.
Figure 19-1 Serial Write (SWR) Transaction to Control Register
SRQ - SWR command
1111
00000000...00000000
SRQ - SWR command
0000
SA
SA
SD
SD
SINT
SINT
00000000...00000000
00000000...00000000
00000000...00000000
SCK
CMD
SIO0
SIO1
T4
T36
T20
T52
T68
Each packet is repeated
from SIO0 to SIO1
1
1
1
1
0
0
0
0
1111
next transaction
Figure 19-2 Serial Read (SRD) Transaction Control Register
SRQ - SRD command
1111
00000000...00000000
SRQ - SRD command
0000
SA
SA
SINT
SINT
SD
SD
00000000...00000000
00000000...00000000
00000000...00000000
SCK
CMD
SIO 0
SIO 1
T4
T36
T20
T52
T68
First 3 packets are repeated
from SIO0 to SIO1
1
1
1
1
0
0
0
0
1111
next transaction
0
0
addressed RDRAM devices
0/SD15..SD0/0 on SIO0
controller drives
0 on SIO0
non addressed RDRAMs pass
0/SD15..SD0/0 from SIO1 to SIO0
0
0


Similar Part No. - PD488588FF

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
PD488588FF-C60-53-DH1 ELPIDA-PD488588FF-C60-53-DH1 Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
PD488588FF-C71-45-DH1 ELPIDA-PD488588FF-C71-45-DH1 Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
PD488588FF-C80-45-DH1 ELPIDA-PD488588FF-C80-45-DH1 Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
More results

Similar Description - PD488588FF

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
EDR2518ABSE ELPIDA-EDR2518ABSE Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
PD488588 ELPIDA-PD488588 Datasheet
1Mb / 79P
   288M bits Direct Rambus DRAM
MC-4R64FKE8S-840 ELPIDA-MC-4R64FKE8S-840 Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
logo
NEC
UPD488448 NEC-UPD488448 Datasheet
1Mb / 30P
   128 M-bit Direct Rambus??DRAM
logo
Elpida Memory
EBR12UC8ABFD ELPIDA-EBR12UC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR51EC8ABFD ELPIDA-EBR51EC8ABFD Datasheet
114Kb / 12P
   512MB Direct Rambus??DRAM RIMM??Module
MC-4R64FKE8S ELPIDA-MC-4R64FKE8S Datasheet
124Kb / 14P
   Direct Rambus DRAM SO-RIMM Module
EBR25UC8ABFD ELPIDA-EBR25UC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
EBR12EC8ABFD ELPIDA-EBR12EC8ABFD Datasheet
110Kb / 12P
   128MB Direct Rambus DRAM RIMM Module
EBR25EC8ABFD ELPIDA-EBR25EC8ABFD Datasheet
114Kb / 12P
   256MB Direct Rambus??DRAM RIMM??Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com