Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DE2B3KY681KM01F Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # DE2B3KY681KM01F
Description  Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DE2B3KY681KM01F Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  DE2B3KY681KM01F Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. DE2B3KY681KM01F Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. DE2B3KY681KM01F Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. DE2B3KY681KM01F Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. DE2B3KY681KM01F Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. DE2B3KY681KM01F Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. DE2B3KY681KM01F Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. DE2B3KY681KM01F Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. DE2B3KY681KM01F Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 84 page
background image
C85E.pdf
Apr.7,2014
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
CONTENTS
Part Numbering
2
Type KY (Basic Insulation) -Class X1, Y2- (Recommend)
5
Type KH (Basic Insulation) -Class X1, Y2-
8
Type KX New Small Size (Reinforced Insulation) -Class X1, Y1- (Recommend)
10
Type KX (Reinforced Insulation) -Class X1, Y1-
13
Type KY/KH/KX Specifications and Test Methods
15
DEJ Series -Based on the Electrical Appliance and Material Safety Law of Japan-
19
DEJ Series Specifications and Test Methods
20
Safety Certified Ceramic Capacitors Characteristics Data (Typical Example)
23
Safety Certified Ceramic Capacitors Packaging
26
Safety Certified Ceramic Capacitors
!Caution
28
Safety Certified Ceramic Capacitors Notice
31
DES Series (125°C Guaranteed/Low-dissipation Factor/DC500V-1kV)
32
DES Series Specifications and Test Methods
34
DEH Series (125°C Guaranteed/Low-dissipation Factor/DC500V-3.15kV)
36
DEH Series Specifications and Test Methods
39
DEA Series (125°C Guaranteed/Class 1/DC1k-3.15kV)
41
DEA Series Specifications and Test Methods
44
DEB Series (Class 2/DC1k-3.15kV)
46
DEB Series Specifications and Test Methods
49
DEC Series (Class 1, 2/DC6.3kV)
51
DEC Series Specifications and Test Methods
53
DEF Series (Only for LCD Backlight Inverter Circuit/6.3kVp-p)
55
DEF Series Specifications and Test Methods
57
High Voltage Ceramic Capacitors Characteristics Data (Typical Example)
59
High Voltage Ceramic Capacitors Packaging
60
High Voltage Ceramic Capacitors
!Caution
62
High Voltage Ceramic Capacitors Notice
69
Type KJ -Class X1, Y2- (For Automotive Use/AC Line Filter of PHEV/EV Charger)
70
Type KJ Specifications and Test Methods
71
Safety Certified Ceramic Capacitors for Automotive Characteristics Data (Typical Example)
75
Safety Certified Ceramic Capacitors for Automotive Packaging
76
Safety Certified Ceramic Capacitors for Automotive
!Caution
77
Safety Certified Ceramic Capacitors for Automotive Notice
80
Safety Certified Ceramic Capacitors/High Voltage Ceramic Capacitors ISO9000 Certifications
81
1
2
3
4
5
6
7
8
9
10
11
12
1
2
3
4
5
6
7
8
9
10
11
12


Similar Part No. - DE2B3KY681KM01F

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE2B3KY681KM01 MURATA-DE2B3KY681KM01 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY681KM01 MURATA-DE2B3KY681KM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY681KM01 MURATA-DE2B3KY681KM01 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results

Similar Description - DE2B3KY681KM01F

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DEBB33A102KA2B MURATA-DEBB33A102KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A222KA3B MURATA-DEHR33A222KA3B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KN2A MURATA-DEHR33A102KN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA2BM01 MURATA-DE2B3KY331KA2BM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEBB33D471KA2B MURATA-DEBB33D471KA2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEA1X3D101JN2A MURATA-DEA1X3D101JN2A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2E3KY102MN2AM01 MURATA-DE2E3KY102MN2AM01 Datasheet
1Mb / 83P
   Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE2B3KY331KA3BM02 MURATA-DE2B3KY331KA3BM02 Datasheet
1Mb / 72P
   Safety Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com