Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FU-116SLD-F1 Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # FU-116SLD-F1
Description  SC-CONNECTORIZED MODULE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

FU-116SLD-F1 Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  FU-116SLD-F1 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor FU-116SLD-F1 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor FU-116SLD-F1 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MITSUBISHI (OPTICAL DEVICES)
FU-116SLD-F1
SC-CONNECTORIZED MODULE
ELECTRICAL/OPTICAL CHARACTERISTICS
(Tc=25
°C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Limits
Unit
Min.
Typ.
Max.
Threshold current
Ith
CW
3
7
15
mA
Operating current
Imod
CW
8
-
28
mA
Operating Voltage
Vop
CW ,If=Ith+Imod (Note 2)
-
1.2
1.6
V
Optical output power from fiber
end
(Note 3)
Pf
CW, If=Ith+Imod
1
-
-
mW
Center wavelength
lc
CW, If=th+Imod
1285
1300
1330
nm
Rise and fall time(LD)
tr, tf
Ib=Ith, 10~90% (Note4)
-
0.3
0.5
ns
Tracking error
(Note 5) Er
Tc=-40~85
°C, CW,APC
-
0.5
-
dB
Differential efficiency
(Note 3)
h
-
-
0.07
-
mW/m
A
Monitor current
Imon
CW, If=Ith+Imod, Vrd=5V
0.2
0.9
1.5
mA
Dark current (Photodiode)
Id
Vrd=5V
-
0.1
0.5
mA
Capacitance (Photodiode)
Ct
Vrd=5V, f=1MHz
-
-
20
pF
Note 2. If : Forward current (LD)
3. Singlemode fiber master plug with mode field diameter 10
mm
4. Ib : Bias current (LD)
5. Er=MAX|10
´log(Pf(Tc)/Pf(25°C))|


Similar Part No. - FU-116SLD-F1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-116SLD-F3M1 MITSUBISHI-FU-116SLD-F3M1 Datasheet
62Kb / 3P
   SC-CONNECTORIZED MODULE
More results

Similar Description - FU-116SLD-F1

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
FU-116SLD-F3M1 MITSUBISHI-FU-116SLD-F3M1 Datasheet
62Kb / 3P
   SC-CONNECTORIZED MODULE
FU-17SLD-F1 MITSUBISHI-FU-17SLD-F1 Datasheet
50Kb / 3P
   FC-CONNECTORIZED MODULE
logo
Roithner LaserTechnik G...
FU-17SLD-F3M1 ROITHNER-FU-17SLD-F3M1 Datasheet
54Kb / 3P
   FC-CONNECTORIZED MODULE
logo
Mitsubishi Electric Sem...
FU-17SLD-F3M1 MITSUBISHI-FU-17SLD-F3M1 Datasheet
50Kb / 3P
   FC-CONNECTORIZED MODULE
logo
Hittite Microwave Corpo...
C-20 HITTITE-C-20 Datasheet
100Kb / 1P
   CONNECTORIZED HERMETIC MODULE
logo
Littelfuse
LFMX LITTELFUSE-LFMX Datasheet
126Kb / 1P
   Connectorized Power Distribution Module
logo
Micronetics, Inc.
8126 MICRONETICS-8126 Datasheet
39Kb / 1P
   CONNECTORIZED ATTENUATOR
logo
Agilent(Hewlett-Packard...
LST0X00 HP-LST0X00 Datasheet
179Kb / 4P
   Connectorized ELEDS
PDT0X1X HP-PDT0X1X Datasheet
154Kb / 5P
   Connectorized PIN Photodiodes
logo
HARTING Technology Grou...
09-14-004-4701 HARTING-09-14-004-4701 Datasheet
454Kb / 2P
   Han SC module, male
2021-12-04
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com