Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KAQW612S Datasheet(PDF) 8 Page - COSMO Electronics Corporation

Part # KAQW612S
Description  8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COSMO [COSMO Electronics Corporation]
Direct Link  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQW612S Datasheet(HTML) 8 Page - COSMO Electronics Corporation

Back Button KAQW612S Datasheet HTML 4Page - COSMO  Electronics Corporation KAQW612S Datasheet HTML 5Page - COSMO  Electronics Corporation KAQW612S Datasheet HTML 6Page - COSMO  Electronics Corporation KAQW612S Datasheet HTML 7Page - COSMO  Electronics Corporation KAQW612S Datasheet HTML 8Page - COSMO  Electronics Corporation KAQW612S Datasheet HTML 9Page - COSMO  Electronics Corporation KAQW612S Datasheet HTML 10Page - COSMO  Electronics Corporation KAQW612S Datasheet HTML 11Page - COSMO  Electronics Corporation KAQW612S Datasheet HTML 12Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M22001.1
- 8 -
http://www.cosmo-ic.com
cosmo
KAQW612 Series
8PIN 60V N.O.+N.C. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
Recommended Soldering Conditions
(a) Infrared reflow soldering:
Peak reflow soldering:
Time of peak reflow temperature:
Time of temperature higher than 230℃:
Time to preheat temperature from 180~190℃:
Number of reflows:
Flux:
260℃ or below (package surface temperature)
10 sec
30-60 sec
60-120 sec
Two
Rosin flux containing small amount of chlorine
(The flux with a maximum chlorine content of
0.2 Wt% is recommended.)
Recommended Temperature Profile of Infrared Reflow
1 8 0 ℃
1 9 0 ℃
2 3 0 ℃
2 6 0 ℃
6 0 - 1 2 0 s e c
3 0 -6 0 s e c
t (s )
1 0 s e c M a x .
(b) Wave soldering:
Temperature:
Time:
Preheating conditions:
Number of times:
Flux:
260℃ or below (molten solder temperature)
10 seconds or less
120℃ or below (package surface temperature)
One
Rosin flux containing small amount of chlorine (The flux with a maximum
chlorine content of 0.2 Wt% is recommended.)
(c) Cautions:
Fluxes:
Avoid removing the residual flux with freon-based and chlorine-based
cleaning solvent.
Avoid shorting between portion of frame and leads.


Similar Part No. - KAQW612S

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQW612STL COSMO-KAQW612STL Datasheet
271Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612STR COSMO-KAQW612STR Datasheet
271Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

Similar Description - KAQW612S

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KAQW612 COSMO-KAQW612_15 Datasheet
271Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW614 COSMO-KAQW614_15 Datasheet
257Kb / 12P
   8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW412 COSMO-KAQW412_15 Datasheet
276Kb / 12P
   8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW412 COSMO-KAQW412 Datasheet
632Kb / 12P
   8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW212 COSMO-KAQW212_15 Datasheet
250Kb / 12P
   8PIN 60V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW414 COSMO-KAQW414_15 Datasheet
247Kb / 12P
   8PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW210 COSMO-KAQW210_15 Datasheet
248Kb / 12P
   8PIN 350V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW213 COSMO-KAQW213 Datasheet
480Kb / 12P
   8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW216 COSMO-KAQW216 Datasheet
467Kb / 12P
   8PIN 600V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW217 COSMO-KAQW217_15 Datasheet
249Kb / 12P
   8PIN 200V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com