Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-3001SR Datasheet(PDF) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # A-3001SR
Description  3.00 INCH SINGLE DIGIT DISPLAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-3001SR Datasheet(HTML) 2 Page - PARA LIGHT ELECTRONICS CO., LTD.

  A-3001SR Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001SR Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001SR Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001SR Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001SR Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001SR Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001SR Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001SR Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001SR Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
3.00
INCH
SINGLE
DIGIT
DISPLAY
A-3001SR
REV:A / 0
PACKAGE DIMENSIONS
NOTES : 1. All dimensions are in millimeters. (inches)
2. Tolerance is
6 0.25(0.010") unless otherwise specified.
3. Pls. contact with us when your production need to be
operated under the Pb free process.
DRAWING NO. : DS-11-09-0082
DATE : 2009-04-02
Page : 2
HD-R/RD013


Similar Part No. - A-3001SR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-3001SR ETC1-A-3001SR Datasheet
76Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - A-3001SR

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
C-3001G PARALIGHT-C-3001G Datasheet
212Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001SR PARALIGHT-C-3001SR Datasheet
196Kb / 10P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001G PARALIGHT-A-3001G Datasheet
211Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001E PARALIGHT-C-3001E Datasheet
213Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001E PARALIGHT-A-3001E Datasheet
212Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001Y PARALIGHT-C-3001Y Datasheet
210Kb / 10P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001UB PARALIGHT-A-3001UB Datasheet
196Kb / 10P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001Y PARALIGHT-A-3001Y Datasheet
208Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
logo
Ningbo Foryard Optoelec...
FYS-30011AX-00 FORYARD-FYS-30011AX-00 Datasheet
434Kb / 5P
   3.00 Inch (76.00mm) digit height Single Digit Display
FYS-30012AX-00 FORYARD-FYS-30012AX-00 Datasheet
821Kb / 5P
   3.00 Inch (76.50mm) digit height Single Digit Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com