Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-3001UB Datasheet(PDF) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

Part # A-3001UB
Description  3.00 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
Direct Link  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-3001UB Datasheet(HTML) 3 Page - PARA LIGHT ELECTRONICS CO., LTD.

  A-3001UB Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001UB Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001UB Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001UB Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001UB Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001UB Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001UB Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001UB Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-3001UB Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3.00
INCH
SINGLE
DIGIT
DISPLAY
A-3001UB
REV:A / 1
FEATURES
Û
76.00mm (3.00 inch ) DIGIT HEIGHT
Û
COMMON ANODE
Û
I.C. COMPATIBLE
Û
LOW POWER CONSUMPTION
Û
Pb FREE PRODUCTS
Û
HIGHLIGHT<400V THE LED CAN WITHSTAND THE MAX STATIC LEVEL
WHEN ASSEMBLING OR OPERATION
Raw Material : GaInN/GaN
ABSOLUTE MAXIMUM RATING : ( Ta = 25
BC )
SYMBOL
PARAMETER
ULTRA BLUE
UNIT
PD
Power Dissipation Per Segment
240
mW
VR
Reverse Voltage Per Segment(DP)
30(10)
V
IAF
Continuous Forward Current Per Segment
10
mA
IPF
Peak Forward Current Per Segment
(1/10 Duty Cycle,0.1ms Pulse Width)
60
mA
Derating
Linear From 25
BC Per Segment
0.4
mA/
BC
Topr
Operating Temperature Range
-35BC to 85BC
Tstg
Storage Temperature Range
-35BC to 85BC
ELECTRO-OPTICAL CHARACTERISTICS : ( Ta = 25
BC )
SYMBOL
PARAMETER
TEST
CONDITION
MIN.
TYP.
MAX.
UNIT
VF
Forward Voltage , Per Segment(DP)
IF = 20mA
21.0(7.0) 24.0(8.0)
V
IR
Reverse Current , Per Segment(DP) VR = 30 (10)V
100
mA
lP
Peak Emission Wavelength
IF = 20mA
462
nm
lD
Dominant Wavelength
IF = 20mA
470
nm
Δl
Spectral Line Half-Width
IF = 20mA
30
nm
IV
Luminous Intensity Per Segment
IF = 10mA
27.0
67.0
mcd
DRAWING NO. : DS-14-04-0130
DATE : 2013-04-10
Page : 3
HD-R/RD014
Release
by
PARALIGHTDCC


Similar Part No. - A-3001UB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A-3001E ETC1-A-3001E Datasheet
76Kb / 1P
   SINGLE DIGIT DISPLAY
logo
PARA LIGHT ELECTRONICS ...
A-3001E PARALIGHT-A-3001E Datasheet
212Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
logo
List of Unclassifed Man...
A-3001G ETC1-A-3001G Datasheet
76Kb / 1P
   SINGLE DIGIT DISPLAY
logo
PARA LIGHT ELECTRONICS ...
A-3001G PARALIGHT-A-3001G Datasheet
211Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
logo
List of Unclassifed Man...
A-3001H ETC1-A-3001H Datasheet
76Kb / 1P
   SINGLE DIGIT DISPLAY
More results

Similar Description - A-3001UB

ManufacturerPart #DatasheetDescription
logo
PARA LIGHT ELECTRONICS ...
C-3001G PARALIGHT-C-3001G Datasheet
212Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001SR PARALIGHT-C-3001SR Datasheet
196Kb / 10P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001SR PARALIGHT-A-3001SR Datasheet
162Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001G PARALIGHT-A-3001G Datasheet
211Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001E PARALIGHT-C-3001E Datasheet
213Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001E PARALIGHT-A-3001E Datasheet
212Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
C-3001Y PARALIGHT-C-3001Y Datasheet
210Kb / 10P
   3.00 INCH SINGLE DIGIT DISPLAY
A-3001Y PARALIGHT-A-3001Y Datasheet
208Kb / 11P
   3.00 INCH SINGLE DIGIT DISPLAY
logo
Ningbo Foryard Optoelec...
FYS-30011AX-00 FORYARD-FYS-30011AX-00 Datasheet
434Kb / 5P
   3.00 Inch (76.00mm) digit height Single Digit Display
FYS-30012AX-00 FORYARD-FYS-30012AX-00 Datasheet
821Kb / 5P
   3.00 Inch (76.50mm) digit height Single Digit Display
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com