Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP15XF15103RC Datasheet(PDF) 11 Page - Murata Manufacturing Co., Ltd.

Part # NCP15XF15103RC
Description  NTC Thermistors for Temp. Sensor and Compensation Chip Type
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

NCP15XF15103RC Datasheet(HTML) 11 Page - Murata Manufacturing Co., Ltd.

Back Button NCP15XF15103RC Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. NCP15XF15103RC Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. NCP15XF15103RC Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. NCP15XF15103RC Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. NCP15XF15103RC Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. NCP15XF15103RC Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. NCP15XF15103RC Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. NCP15XF15103RC Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. NCP15XF15103RC Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 47 page
background image
9
2
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Part Number
Resistance
(25
°C)
(ohm)
B-Constant
(25-50
°C)
(K)
B-Constant
(25-80
°C)
(Reference Value) (K)
B-Constant
(25-85
°C)
(Reference Value) (K)
B-Constant
(25-100
°C)
(Reference Value) (K)
Permissive Operating
Current (25
°C)
(mA)
Rated Electric
Power (25
°C)
(mW)
Typical Dissipation
Constant (25
°C)
(mW/
°C)
Continued from the preceding page.
NCP15WL333p03RC
33k
4485
±1%
4537
4543
4557
0.17
100
1
NCP15WB473D03RC
47k
±0.5% 4050 ±0.5%
4101
4108
4131
0.14
100
1
NCP15WB473F03RC
47k
±1%
4050
±1%
4101
4108
4131
0.14
100
1
NCP15WB473p03RC
47k
4050
±1%
4101
4108
4131
0.14
100
1
NCP15WL473p03RC
47k
4485
±1%
4537
4543
4557
0.14
100
1
NCP15WD683p03RC
68k
4150
±3%
4201
4209
4232
0.12
100
1
NCP15WL683p03RC
68k
4485
±1%
4537
4543
4557
0.12
100
1
NCP15WF104D03RC
100k
±0.5% 4250 ±0.5%
4303
4311
4334
0.10
100
1
NCP15WF104F03RC
100k
±1%
4250
±1%
4303
4311
4334
0.10
100
1
NCP15WF104p03RC
100k
4250
±1%
4303
4311
4334
0.10
100
1
NCP15WL104p03RC
100k
4485
±1%
4537
4543
4557
0.10
100
1
NCP15WL154p03RC
150k
4485
±1%
4537
4543
4557
0.08
100
1
NCP15WM154p03RC
150k
4500
±3%
4571
4582
4614
0.08
100
1
NCP15WM224p03RC
220k
4500
±3%
4571
4582
4614
0.06
100
1
NCP15WM474p03RC
470k
4500
±3%
4571
4582
4614
0.04
100
1
p is filled with resistance tolerance codes (E:
±3%, J: ±5%).
Rated Electric Power shows the required electric power that causes Thermistor's temperature to rise to 125
°C by self heating, at ambient temperature of 25 °C.
Operating Temperature Range: -40
°C to +125°C
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
R44E.pdf
Feb.21,2011


Similar Part No. - NCP15XF15103RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP15XF15103RC MURATA-NCP15XF15103RC Datasheet
1Mb / 44P
   NTC Thermistors
NCP15XF15103RC MURATA-NCP15XF15103RC Datasheet
1Mb / 47P
   NTC Thermistors
NCP15XF15103RC MURATA-NCP15XF15103RC Datasheet
624Kb / 40P
   for Temperature Compensation 0201 (0603) Size
More results

Similar Description - NCP15XF15103RC

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
NCP18XW223E03RB MURATA-NCP18XW223E03RB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
R44E MURATA-R44E Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18WF104J0SRB MURATA-NCP18WF104J0SRB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18XV103J03RB MURATA-NCP18XV103J03RB Datasheet
1Mb / 47P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18XM221J03RB MURATA-NCP18XM221J03RB Datasheet
1Mb / 44P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
NCP18WM224E03RB MURATA-NCP18WM224E03RB Datasheet
21Kb / 1P
   NTC Thermistors for Temp. Sensor and Compensation Chip Type
logo
EPCOS
S964 EPCOS-S964 Datasheet
530Kb / 26P
   NTC thermistors for temperature sensing and compensation
B57964S0202F000 EPCOS-B57964S0202F000 Datasheet
324Kb / 17P
   NTC thermistors for temperature sensing and compensation
logo
TDK Electronics
NTCG164QH105JT1 TDK-NTCG164QH105JT1 Datasheet
114Kb / 2P
   Chip NTC Thermistors (Sensor)
NTCG103NH681JT1 TDK-NTCG103NH681JT1 Datasheet
115Kb / 2P
   Chip NTC Thermistors (Sensor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com